Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM95071QIMFNOPB Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LM95071QIMFNOPB
Descripción Electrónicos  LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071QIMFNOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM95071QIMFNOPB Datasheet HTML 1Page - Texas Instruments LM95071QIMFNOPB Datasheet HTML 2Page - Texas Instruments LM95071QIMFNOPB Datasheet HTML 3Page - Texas Instruments LM95071QIMFNOPB Datasheet HTML 4Page - Texas Instruments LM95071QIMFNOPB Datasheet HTML 5Page - Texas Instruments LM95071QIMFNOPB Datasheet HTML 6Page - Texas Instruments LM95071QIMFNOPB Datasheet HTML 7Page - Texas Instruments LM95071QIMFNOPB Datasheet HTML 8Page - Texas Instruments LM95071QIMFNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
L0(GPI/O)
SI
SK
CS
SI/O
SC
VDD
GND
0.1 2F
National
COP8SA
Microcontroller
LM95071/
LM95071-Q1
+3.3V
LM95071, LM95071-Q1
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
www.ti.com
Pin Description
Pin
Symbol
Name
Description
Number
1
CS
Chip Select input
This pin receives an active-low signal from the controller to select the device.
2
GND
Ground
This is the power and signal ground return.
3
SI/O
Serial Input/Output
This serial, bidirectional, data bus pin transmits and receives signals to and from the
controller. Schmitt trigger input in the input mode.
4
SC
Serial bus clock
This serial clock signal comes from the controller. Schmitt trigger input.
5
VDD
Positive Supply Voltage
Supply a DC voltage from 2.4V to 5.5V to this pin and bypass with a 0.1 µF ceramic
capacitor to ground.
Typical Application
Figure 1. COP Microcontroller Interface
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to VDD + 0.3V
Input Current at any Pin (2)
5 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility (3)
Human Body Model
2000V
Machine Model
200V
Soldering process must comply with Reflow Temperature Profile specifications.
Refer to http://www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD) the current at that pin should be limited to
5 mA.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM95071 LM95071-Q1


Número de pieza similar - LM95071QIMFNOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM95071QIMF/NOPB TI1-LM95071QIMF/NOPB Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071QIMFX/NOPB TI1-LM95071QIMFX/NOPB Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results

Descripción similar - LM95071QIMFNOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com