Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP320F28377DPTPQ Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TMP320F28377DPTPQ
Descripción Electrónicos  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320F28377DPTPQ Datasheet(HTML) 3 Page - Texas Instruments

  TMP320F28377DPTPQ Datasheet HTML 1Page - Texas Instruments TMP320F28377DPTPQ Datasheet HTML 2Page - Texas Instruments TMP320F28377DPTPQ Datasheet HTML 3Page - Texas Instruments TMP320F28377DPTPQ Datasheet HTML 4Page - Texas Instruments TMP320F28377DPTPQ Datasheet HTML 5Page - Texas Instruments TMP320F28377DPTPQ Datasheet HTML 6Page - Texas Instruments TMP320F28377DPTPQ Datasheet HTML 7Page - Texas Instruments TMP320F28377DPTPQ Datasheet HTML 8Page - Texas Instruments TMP320F28377DPTPQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
TMS320F28377D, TMS320F28376D
www.ti.com
SPRS880 – DECEMBER 2013
1.2
Applications
Industrial Drives
Solar Micro Inverters and Converters
Radar
Digital Power
Smart Metering
Automotive Transportation
Power Line Communications
Software-Defined Radio
1.3
Description
The Delfino TMS320F2837xD device is a dual-core microcontroller with integrated analog features and
communications interfaces. The dual real-time control subsystems are based on TI’s industry-leading
32-bit TMS320C28x Floating-Point CPUs and feature two control law accelerators (CLAs) that provide
additional flexibility to designers who are interested in doing applications such as running parallel control
algorithms and much more. Designers can realize up to 800 MIPS of total system performance.
The TMS320F2837xD series introduces the trigonometric math unit (TMU), which is an accelerator that
greatly reduces the number of cycles required to perform common trigonometric functions. The
TMS320F2837xD device also has a second-generation Viterbi Complex Math Unit (VCU II) with improved
acceleration on Viterbi operations, complex multiplies, and the CRC engine.
The TMS320F2837xD device supports up to 1MB of ECC-protected on-board flash memory and up to
204KB of SRAM with parity. Two independent security zones are also available for 128-bit code
protection. High-precision control peripherals such as Enhanced Pulse Width Modulators (ePWMs) with
fault protection, encoders, and captures are also included.
The analog subsystem boasts up to four 16-bit analog-to-digital converters (ADCs) as well as eight
comparator subsystems. Each comparator subsystem contains two comparators and a built-in 12-bit DAC
reference. Each comparator subsystem can be used as peak-current-mode comparators or as windowed
comparators. In addition, the device has three 12-bit digital-to-analog converters (DACs).
Connectivity peripherals such as dual External Memory Interfaces (EMIFs), dual CAN 2.0 interfaces, and a
new Universal Parallel Port (uPP) are also available. The uPP is a high-speed, parallel data bus that
allows direct connection to FPGAs or other devices with similar interfaces. A USB 2.0 OTG port with MAC
and PHY lets users add USB connectivity to their application.
Copyright © 2013, Texas Instruments Incorporated
TMS320F2837xD Dual-Core Delfino MCUs
3
Submit Documentation Feedback
Product Folder Links: TMS320F28377D TMS320F28376D


Número de pieza similar - TMP320F28377DPTPQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

Descripción similar - TMP320F28377DPTPQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com