Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-19427-024 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-19427-024
Descripción Electrónicos  12 WAY RIGHT ANGLE HEADER ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

SD-19427-024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19427-024 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Número de pieza similar - SD-19427-024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-19427-023 MOLEX4-SD-19427-023 Datasheet
147Kb / 3P
   5.84mm (.230") Pitch MX150L??Right Angle PCB Header
More results

Descripción similar - SD-19427-024

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC34451 ETC2-MC34451 Datasheet
104Kb / 2P
   Right Angle Header - 6 Way
logo
Molex Electronics Ltd.
19433-0013 MOLEX11-19433-0013 Datasheet
62Kb / 1P
   12 WAY PLUG ASSEMBLY
31100-0042 MOLEX11-31100-0042 Datasheet
55Kb / 2P
   H-DAC 64??2.54mm4 Way Right Angle Header Assembly, Polarization C
logo
Tyco Electronics
223987-1 MACOM-223987-1 Datasheet
113Kb / 1P
   ASSEMBLY, RIGHT ANGLE HEADER
logo
Molex Electronics Ltd.
31100-0040 MOLEX11-31100-0040 Datasheet
55Kb / 2P
   H-DAC 64??2.54mm 4 Way Right Angle Header Assembly, Polarization A
31100-0041 MOLEX11-31100-0041 Datasheet
55Kb / 2P
   H-DAC 64??2.54mm 4 Way Right Angle Header Assembly, Polarization B
logo
Tyco Electronics
787443-1 MACOM-787443-1 Datasheet
43Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE, KEYLESS
logo
Molex Electronics Ltd.
0311000041 MOLEX4-0311000041 Datasheet
534Kb / 10P
   H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization B
0311000042 MOLEX4-0311000042 Datasheet
534Kb / 10P
   H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization C
0311000040 MOLEX4-0311000040 Datasheet
534Kb / 10P
   H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization A
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com