Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7B6750BQKTTRQ1 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS7B6750BQKTTRQ1
Descripción Electrónicos  450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6750BQKTTRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7B6750BQKTTRQ1 Datasheet HTML 1Page - Texas Instruments TPS7B6750BQKTTRQ1 Datasheet HTML 2Page - Texas Instruments TPS7B6750BQKTTRQ1 Datasheet HTML 3Page - Texas Instruments TPS7B6750BQKTTRQ1 Datasheet HTML 4Page - Texas Instruments TPS7B6750BQKTTRQ1 Datasheet HTML 5Page - Texas Instruments TPS7B6750BQKTTRQ1 Datasheet HTML 6Page - Texas Instruments TPS7B6750BQKTTRQ1 Datasheet HTML 7Page - Texas Instruments TPS7B6750BQKTTRQ1 Datasheet HTML 8Page - Texas Instruments TPS7B6750BQKTTRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
VO
VI
TPS7B6701-Q1
Vreg
RESET
EN
DELAY
ADJ
GND
Vbat
VO
VI
TPS7B6733-Q1
TPS7B6750-Q1
Vreg
RESET
EN
DELAY
GND
Vbat
TPS7B6701-Q1
TPS7B6733-Q1, TPS7B6750-Q1
TPS7B6750A-Q1, TPS7B6750B-Q1
www.ti.com
SLVSCB2A – OCTOBER 2013 – REVISED NOVEMBER 2013
450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Check for Samples: TPS7B6701-Q1, TPS7B6733-Q1, TPS7B6750-Q1, TPS7B6750A-Q1, TPS7B6750B-Q1
1
FEATURES
Packages
20-pin HTSSOP
2
Qualified for Automotive Applications
5-pin DDPAK (Preview)
AEC-Q100 Qualified With the Following
Results
APPLICATIONS
Device Temperature Grade 1: –40°C to
125°C Ambient Operating Temperature
Automotive
Range
Infotainment Tuner Supply
Device HBM ESD Classification Level H2
Body Control Modules
Device CDM ESD Classification Level C3B
Always-ON Battery Applications
4 to 40-V Wide-VIN Input-Voltage Range With
Gateway Applications
up to 45-V Transient
Remote Keyless Entry Systems
Maximum Output Current, 450 mA
Immobilizers
Low Quiescent Current (IQ))
< 2 µA When EN = Low (Shutdown Mode)
DESCRIPTION
The TPS7B6701-Q1, TPS7B6733-Q1, TPS7B6750-
15 µA Typical at Light Loads
Q1, TPS7B6750A-Q1 and TPS7B6750B-Q1 devices
Low-ESR (0.001 to 20
Ω) Ceramic Output-
are low-dropout linear regulators designed for up to
Stability Capacitor (10 to 500 µF When VO ≥ 2.5
40-V VIN operations. With only 15-uA quiescent
V, 22 to 500 µF when VO = 1.5 to 2.5 V)
current at light load, the devices drive loads up to 450
Maximum Dropout Voltage 450 mV at 400 mA
mA.
Adjustable 1.5 to 18-V Output Voltages
The TPS7B67xx-Q1 family of devices features an
Low-Input Voltage Tracking to UVLO
integrated short-circuit and overcurrent protection.
Reset delay and power-good signal are implemented
Integrated Power-On Reset
on power-up to indicate that the output voltage is
Programmable-Reset Pulse Delay
stable and is in regulation. An external capacitor
Open-Drain Reset Output
programs the delay. The enable function activates
and deactivates the device with an I/O port from the
Integrated Fault Protection
MCU.
Thermal Shutdown
The device family operates at a temperature range of
Short-Circuit Protection
–40°C to 125°C.
TYPICAL APPLICATION SCHEMATIC
Figure 1. Adjustable Output Option
Figure 2. Fixed Output Option
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
is a trademark of ~ Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS7B6750BQKTTRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B6750-Q1 TI1-TPS7B6750-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6750QPWPRQ1 TI1-TPS7B6750QPWPRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Descripción similar - TPS7B6750BQKTTRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com