Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS24751RUVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS24751RUVR
Descripción Electrónicos  12A eFuse Circuit Protector with Current Monitor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24751RUVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS24751RUVR Datasheet HTML 7Page - Texas Instruments TPS24751RUVR Datasheet HTML 8Page - Texas Instruments TPS24751RUVR Datasheet HTML 9Page - Texas Instruments TPS24751RUVR Datasheet HTML 10Page - Texas Instruments TPS24751RUVR Datasheet HTML 11Page - Texas Instruments TPS24751RUVR Datasheet HTML 12Page - Texas Instruments TPS24751RUVR Datasheet HTML 13Page - Texas Instruments TPS24751RUVR Datasheet HTML 14Page - Texas Instruments TPS24751RUVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Voltage, V
(mV)
(VCC –
)
SENSE
40
32
24
16
8
0
8
16
24
32
40
0
5
10
15
20
25
30
35
40
45
50
55
T = 25°C
T = 125°C
Gate Current at Current Limiting
V
Voltage = 12 V
VCC
T = –40°C
10
0
10
2
0
3
0
4
0
0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.25
0.2
0.15
0.1
0.05
0
0.05
0.1
0.15
0.2
0.25
Time (µs)
V
(
)
VCC
SENSE
T = 125°C
T = –40°C
T = 25°C
V
= 12 V
VCC
Voltage, V
(V)
(SENSE – OUT)
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
14
VCC Voltage = 12 V
T = 25°C
T = 125°C
T = –40°C
23.5
24
24.5
25
25.5
26
26.5
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
400
600
800
1000
1200
0
2
4
6
8
10
12
14
16
18
20
Input Voltage, V
(V)
VCC
T = 25°C
T = 125°C
T = –40°C
0
2
4
6
8
10
12
14
16
18
20
Input Voltage, V
(V)
VCC
0
1
2
3
4
5
T = 25°C
T = 125°C
T = –40°C
TPS24750
TPS24751
www.ti.com
SLVSC87 – OCTOBER 2013
TYPICAL CHARACTERISTICS
Figure 5. Supply Current vs Input Voltage at Normal
Figure 6. Supply Current vs Input Voltage at Shutdown (EN
Operation (EN = High)
= 0 V)
Figure 7. Voltage Across RSENSE in Inrush Current Limiting
Figure 8. Voltage Across RSENSE in Inrush Power Limiting
vs Temperature
vs VDS of internal FET
Figure 9. Internal FET Gate Current vs Voltage Across
Figure 10. Gate Current During Fast Trip,
RSENSE During Inrush Power Limiting
VVCC = VGATE = 12 V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS24750 TPS24751


Número de pieza similar - TPS24751RUVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS24751RUVR TI1-TPS24751RUVR Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
More results

Descripción similar - TPS24751RUVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS24750 TI1-TPS24750_15 Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
logo
Micrel Semiconductor
MIC2003 MICREL-MIC2003 Datasheet
683Kb / 16P
   Current Limiting Circuit Protector
logo
Texas Instruments
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI-TPS25984 Datasheet
7Mb / 69P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
logo
Diodes Incorporated
ZXCT1086EV1 DIODES-ZXCT1086EV1 Datasheet
722Kb / 8P
   Current Monitor with wide supply
logo
Maxim Integrated Produc...
MAX4978 MAXIM-MAX4978 Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
logo
Texas Instruments
TPS25985 TI-TPS25985 Datasheet
5Mb / 61P
[Old version datasheet]   TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor
MAY 2022
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com