Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40490MHRHDRT Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS40490MHRHDRT
Descripción Electrónicos  5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40490MHRHDRT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40490MHRHDRT Datasheet HTML 4Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 5Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 6Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 7Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 8Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 9Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 10Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 11Page - Texas Instruments TPS40490MHRHDRT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TPS40490
SLVSCB4 – OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 48 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TPS40490MHRHD:
–12.5
12.5
VIN = 48 V, Rset = 31.6 kΩ, fSW = 1.15 MHz
fsw_acc
Switching frequency set accuracy
%
TPS40490MLRHD:
–12.5
12.5
VIN = 12 V, Rset = 100 kΩ, fSW = 1.75 MHz
VVALLEY
Valley voltage
0.7
1
1.31
V
TPS40490MLRHD: 5 V < VVIN ≤ 25 V
7.5
V/V
KPWM
PWM gain (VIN/VRAMP )
TPS40490MHRHD: 5 V < VVIN ≤ 60 V
20
V/V
PWM AND DUTY CYCLE (PWM control)
toff(MIN)
Minimum off-time
5 V < VIN < 60 V
70
ns
ERROR AMPLIFIER
GBWP
Gain bandwidth product
5 V < VIN < 60 V
40
MHz
AOL
Open loop gain
VREF = 0.6 V
75
dB
IIB
Input bias current
100
nA
IEAOP
Output source current
VVFB = 0 V, VREF = 0.6 V, output grounded
4.2
mA
IEAOM
Output sink current
VVFB = 1 V, VREF = 0.6 V, output connected to 3-V supply
2.5
mA
PROGRAMMABLE SOFT-START
Soft-start source current at
ISS
VSS = 0.5 V
8.5
10.5
12.5
µA
VSS < 0.5 V
GATE DRIVERS
High side
VDR-0.6
VG
Gate voltage
V
Low side
VDR
RHDHI
High-side driver pull-up resistance
CL = 1 nF, VDR = 5 V
0.7
Ω
High-side driver pull-down
RHDLO
0.35
Ω
resistance
RLDHI
Low-side driver pull-up resistance
0.7
Ω
RLDLO
Low-side driver pull-down resistance
0.35
Ω
tRC
Drive rise time
5
ns
tFC
Drive fall time
5
ns
DEAD TIME CONTROLLER (DTC) AND PROPAGATION DELAY
DT3
DT2
DT1
T(ns)
0
0
1
7.5
Dead time range HDRV fall and
tDT_H2L_EXT
0
1
1
18
ns
LDRV rise
1
0
1
32
1
1
1
45
DT3
DT2
DT1
T(ns)
0
0
1
5
tDT_L2H_EXT
HDRV rise and LDRV fall
0
1
1
18
ns
1
0
1
32
1
1
1
44
Dead time internal
Measured dead time will be the highest of
tDT_H2L_INT
HDRV fall and LDRV rise
7.5
ns
tDEAD_TIME_INT, tDEAD_TIME_EXT
(Internal value fixed 001)
Dead time internal
Measured dead time will be the highest of
tDT_L2H_INT
HDRV rise and LDRV fall
5
ns
tDEAD_TIME_INT, tDEAD_TIME_EXT
(Internal value fixed 001)
tDEAD_TIME_ACC
Accuracy dead time setting
Percentage of set time 001 setting
–10%
10%
tHPHL
high turn-off propagation delay
Falling gate voltage, 0 ns DTC time
25
ns
tHPLH
High turn-off propagation delay
Rising gate voltage, 0 ns DTC time
25
ns
tLPHL
Low turn-off propagation delay
Falling gate voltage, 0 ns DTC time
25
ns
tLPLH
Low turn-off propagation delay
Rising gate voltage, 0 ns DTC time
25
ns
Delay matching
HS gate off to LS gate ON, 0 ns DTC time
–4
0
4
ns
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS40490


Número de pieza similar - TPS40490MHRHDRT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLR TI1-TPS40400RHLR Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLR TI-TPS40400RHLR Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400RHLT TI1-TPS40400RHLT Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS40490MHRHDRT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
   Wide 6 V to 75 V input voltage synchronous buck controller
Rev 1 - April 2022
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com