Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54340QDDAQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54340QDDAQ1
Descripción Electrónicos  4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54340QDDAQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54340QDDAQ1 Datasheet HTML 5Page - Texas Instruments TPS54340QDDAQ1 Datasheet HTML 6Page - Texas Instruments TPS54340QDDAQ1 Datasheet HTML 7Page - Texas Instruments TPS54340QDDAQ1 Datasheet HTML 8Page - Texas Instruments TPS54340QDDAQ1 Datasheet HTML 9Page - Texas Instruments TPS54340QDDAQ1 Datasheet HTML 10Page - Texas Instruments TPS54340QDDAQ1 Datasheet HTML 11Page - Texas Instruments TPS54340QDDAQ1 Datasheet HTML 12Page - Texas Instruments TPS54340QDDAQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
1
2
3
4
5
6
7
9
10
100 300 500 700 900
Switching Frequency (KHz)
G021
11001300 1500 17001900 2100 2300 2500
0
8
T = 25 C
J
o
V
= 12V,
IN
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
BOOT-SW UVLO Falling
BOOT-SW UVLO Rising
G018
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
−50
−25
0
25
50
75
100
125
150
Tj − Junction Temperature (°C)
UVLO Start Switching
UVLO Stop Switching
G019
TPS54340-Q1
www.ti.com
SLVSBZ1 – SEPTEMBER 2013
TYPICAL CHARACTERISTICS (continued)
BOOT-SW UVLO vs JUNCTION TEMPERATURE
INPUT VOLTAGE UVLO vs JUNCTION TEMPERATURE
Figure 19.
Figure 20.
SOFT-START TIME vs SWITCHING FREQUENCY
Figure 21.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54340-Q1


Número de pieza similar - TPS54340QDDAQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54340QDDAQ1 TI1-TPS54340QDDAQ1 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
More results

Descripción similar - TPS54340QDDAQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com