Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54360QDDARQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54360QDDARQ1
Descripción Electrónicos  4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54360QDDARQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54360QDDARQ1 Datasheet HTML 2Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 3Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 4Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 5Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 6Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 7Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 8Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 9Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
450
460
470
480
490
500
510
520
530
540
550
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
RT = 200 k
Ω, V
IN = 12 V
G005
0
50
100
150
200
250
300
350
400
450
500
200
300
400
500
600
700
800
900
1000
RT/CLK − Resistance (k
Ω)
ƒSW (kHz) = 92417 × RT (kΩ)
−0.991
RT (kΩ) = 101756 × fSW (kHz)
−1.008
G006
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G003
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
0
10
20
30
40
50
60
VIN − Input Voltage (V)
TJ = −40°C
TJ = 25°C
TJ = 150°C
G004
0
0.05
0.1
0.15
0.2
0.25
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
BOOT-SW = 3 V
BOOT-SW = 6 V
G001
0.784
0.789
0.794
0.799
0.804
0.809
0.814
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G002
TPS54360-Q1
SLVSBZ2 – SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
ON RESISTANCE vs JUNCTION TEMPERATURE
VOLTAGE REFERENCE vs JUNCTION TEMPERATURE
Figure 1.
Figure 2.
SWITCH CURRENT LIMIT vs JUNCTION TEMPERATURE
SWITCH CURRENT LIMIT vs INPUT VOLTAGE
Figure 3.
Figure 4.
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
SWITCHING FREQUENCY vs JUNCTION TEMPERATURE
LOW FREQUENCY RANGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54360-Q1


Número de pieza similar - TPS54360QDDARQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360 TI1-TPS54360 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results

Descripción similar - TPS54360QDDARQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com