Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54360QDDARQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54360QDDARQ1
Descripción Electrónicos  4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54360QDDARQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54360QDDARQ1 Datasheet HTML 7Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 8Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 9Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 10Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 11Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 12Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 13Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 14Page - Texas Instruments TPS54360QDDARQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
4.7
0
0.1
0.15
0.35
0.5
Load Current - A
Start
Stop
4.8
4.9
5
5.1
5.3
4.6
5.4
5.5
5.6
5.2
0.05
0.25
0.2
0.3
0.4
0.45
Dropout
Voltage
Dropout
Voltage
TPS54360-Q1
www.ti.com
SLVSBZ2 – SEPTEMBER 2013
When in Eco-mode, the COMP-pin voltage is clamped at 600 mV and the high-side MOSFET is inhibited.
Because the device is not switching, the output voltage begins to decay. The voltage control loop responds to the
falling output voltage by increasing the COMP-pin voltage. The high-side MOSFET is enabled and switching
resumes when the error amplifier lifts COMP above the pulse skipping threshold. The output voltage recovers to
the regulated value, and COMP eventually falls below the Eco-mode pulse skipping threshold at which time the
device again enters Eco-mode. The internal PLL remains operational when in Eco-mode. When operating at light
load currents in Eco-mode, the switching transitions occur synchronously with the external clock signal.
During Eco-mode operation, the TPS54360-Q1 senses and controls peak switch current, not the average load
current. Therefore the load current at which the device enters Eco-mode is dependent on the output inductor
value. The circuit in Figure 34 enters Eco-mode at about 24 mA output current. As the load current approaches
zero, the device enters a pulse skip mode during which it draws only 146
μA input quiescent current.
Low Dropout Operation and Bootstrap Voltage (BOOT)
The TPS54360-Q1 provides an integrated bootstrap voltage regulator. A small capacitor between the BOOT and
SW pins provides the gate drive voltage for the high-side MOSFET. The BOOT capacitor is refreshed when the
high-side MOSFET is off and the external low-side diode conducts. The recommended value of the BOOT
capacitor is 0.1
μF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 10 V or
higher is recommended for stable performance over temperature and voltage.
When operating with a low voltage difference from input to output, the high-side MOSFET of the TPS54360-Q1
operates at 100% duty cycle as long as the BOOT to SW-pin voltage is greater than 2.1 V. When the voltage
from BOOT to SW drops below 2.1V, the high-side MOSFET is turned off and an integrated low-side MOSFET
pulls SW low to recharge the BOOT capacitor. To reduce the losses of the small low-side MOSFET at high
output voltages, it is disabled at 24 V output and re-enabled when the output reaches 21.5 V.
Because the gate drive current sourced from the BOOT capacitor is small, the high-side MOSFET can remain on
for many switching cycles before the MOSFET is turned off to refresh the capacitor. Thus the effective duty cycle
of the switching regulator can be high, approaching 100%. The effective duty cycle of the converter during
dropout is mainly influenced by the voltage drops across the power MOSFET, the inductor resistance, the low-
side diode voltage and the printed circuit board resistance.
The start and stop voltage for a typical 5 V output application is shown in Figure 22 where the Vin voltage is
plotted versus load current. The start voltage is defined as the input voltage required to regulate the output within
1% of nominal. The stop voltage is defined as the input voltage at which the output drops by 5% or where
switching stops.
During high duty cycle (low dropout) conditions, inductor current ripple increases when the BOOT capacitor is
being recharged resulting in an increase in output voltage ripple. Increased ripple occurs when the off time
required to recharge the BOOT capacitor is longer than the high-side off time associated with cycle by cycle
PWM control.
spacer
Figure 22. 5V Start/Stop Voltage
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54360-Q1


Número de pieza similar - TPS54360QDDARQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360 TI1-TPS54360 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results

Descripción similar - TPS54360QDDARQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com