Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TAJC106K035BNJ Datasheet(PDF) 2 Page - AVX Corporation |
|
TAJC106K035BNJ Datasheet(HTML) 2 Page - AVX Corporation |
2 / 5 page SEPTEMBER 2013 I 7 TAJ Series Standard Tantalum CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE) Capacitance Rated voltage DC (VR) to 85°C μF Code 2.5V (e) 4V (G) 6.3V (J) 10V (A) 16V (C) 20V (D) 25V (E) 35V (V) 50V (T) 0.10 104 AA 0.15 154 AA/B 0.22 224 AA/B 0.33 334 AA/B 0.47 474 A A/B A/B/C 0.68 684 A A A/B A/B/C 1.0 105 A AA A/B A(M)/B/C 1.5 155 AA A A/B A/B/C B/C/D 2.2 225 AA A/B A/B A/B A/B/C B/C/D 3.3 335 AA A/B A/B A/B/C B/C C/D 4.7 475 AA A/B A/B A/B/C A/B/C B/C/D C/D 6.8 685 A A/B A/B A/B/C A/B/C B/C C/D C/D 10 106 A A/B A/B/C A/B/C A(M)*/B/C B/C/D C/D/E D/E/V 15 156 A/B A/B A/B/C A(M)/B/C B/C/D C/D C/D D/E/V 22 226 A A/B/C A/B/C B/C/D B/C/D C/D D/E V 33 336 A A/B A/B/C A/B/C/D B/C/D C/D D/E D/E/V 47 476 A A/B A/B/C/D B/C/D C/D C/D/E D/E E/V 68 686 A A/B/C B/C/D B/C/D C/D C(M)/D/E E/V V 100 107 A/B A/B/C B/C/D B(M)/C/D/E C/D/E D/E/V E(M)/V 150 157 B B/C B(M)/C/D C/D/E D/E/V E/V V(M) 220 227 B/D B(M)/C/D C/D/E C/D/E E/V 330 337 D C/D/E C/D/E D/E/V E(M) 470 477 C/D C/D/E D/E/V E/U/V 680 687 C/D/E D/E E/V 1000 108 D(M)/E D/E/V E(M)/V(M) 1500 158 D/E/V(M) E/V(M) 2200 228 V(M) Not recommended for new designs, higher voltage or smaller case size substitution are offered. Released codes (M tolerance only) Engineering samples - please contact manufacturer *Codes under development - subject to change Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards. |
Número de pieza similar - TAJC106K035BNJ |
|
Descripción similar - TAJC106K035BNJ |