Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62085RLT Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS62085RLT
Descripción Electrónicos  3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62085RLT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62085RLT Datasheet HTML 7Page - Texas Instruments TPS62085RLT Datasheet HTML 8Page - Texas Instruments TPS62085RLT Datasheet HTML 9Page - Texas Instruments TPS62085RLT Datasheet HTML 10Page - Texas Instruments TPS62085RLT Datasheet HTML 11Page - Texas Instruments TPS62085RLT Datasheet HTML 12Page - Texas Instruments TPS62085RLT Datasheet HTML 13Page - Texas Instruments TPS62085RLT Datasheet HTML 14Page - Texas Instruments TPS62085RLT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SW
IN
OUT
OUT
L
L
MAX
,
OUT
MAX
,
L
f
L
V
V
1
V
I
2
I
I
I
´
-
´
=
D
D
+
=
TPS62085
TPS62086
TPS62087
www.ti.com
SLVSB70 – OCTOBER 2013
APPLICATION INFORMATION
Output Filter Design
The inductor and the output capacitor together provide a low-pass filter. To simplify the selection process,
Table 1 outlines possible inductor and capacitor value combinations for most applications.
Table 1. Matrix of Output Capacitor / Inductor Combinations
NOMINAL COUT [µF]
(2)
NOMINAL L [µH](1)
10
22
47
100
150
0.47
+(3)
+
+
+
1
+
+
+
+
+
2.2
(1)
Inductor tolerance and current de-rating is anticipated. The effective inductance can vary by +20% and
-30%.
(2)
Capacitance tolerance and bias voltage de-rating is anticipated. The effective capacitance can vary by
20% and -50%.
(3)
Typical application configuration. Other '+' mark indicates recommended filter combinations.
Inductor Selection
The main parameter for the inductor selection is the inductor value and then the saturation current of the
inductor. To calculate the maximum inductor current under static load conditions, Equation 3 is given.
(3)
Where:
IOUT,MAX = Maximum output current
ΔIL = Inductor current ripple
fSW = Switching frequency
L = Inductor value
It is recommended to choose the saturation current for the inductor 20% to 30% higher than the IL,MAX, out of
Equation 3. A higher inductor value is also useful to lower ripple current but increases the transient response
time as well. The following inductors are recommended to be used in designs.
Table 2. List of Recommended Inductors
INDUCTANCE
CURRENT RATING
DIMENSIONS
DC RESISTANCE
PART NUMBER
[µH]
[A]
L x W x H [mm3]
[m
Ω typ]
0.47
6.6
4x4x1.5
7.6
Coilcraft XFL4015-471
0.47
4.7
3.2x2.5x1.2
21
TOKO DFE322512-R47N
1
5.1
4x4x2
10.8
Coilcraft XFL4020-102
Capacitor Selection
The input capacitor is the low impedance energy source for the converters which helps to provide stable
operation. A low ESR multilayer ceramic capacitor is recommended for best filtering and should be placed
between VIN and GND as close as possible to those pins. For most applications 10
μF is sufficient, though a
larger value reduces input current ripple.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62085 TPS62086 TPS62087


Número de pieza similar - TPS62085RLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62085 TI1-TPS62085 Datasheet
904Kb / 20P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085EVM-169 TI-TPS62085EVM-169 Datasheet
2Mb / 14P
[Old version datasheet]   TPS62085EVM-169 Evaluation Module
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI-TPS62085_15 Datasheet
929Kb / 25P
[Old version datasheet]   TPS6208x 3-A Step-Down Converter With Hiccup Short-Circuit Protection In 2 횞 2 QFN Package
More results

Descripción similar - TPS62085RLT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI-TPS62085_15 Datasheet
929Kb / 25P
[Old version datasheet]   TPS6208x 3-A Step-Down Converter With Hiccup Short-Circuit Protection In 2 횞 2 QFN Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com