Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS2807Y1K5 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ADS2807Y1K5
Descripción Electrónicos  Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS2807Y1K5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS2807Y1K5 Datasheet HTML 2Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 3Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 4Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 5Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 6Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 7Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 8Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 9Page - Texas Instruments ADS2807Y1K5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADS2807
6
SBAS169B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, differential input range = 2V to 3V for each input, sampling rate = 50MSPS, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
SPECTRAL PERFORMANCE
(Differential, 2Vp-p)
0
5
10
15
20
25
Frequency (MHz)
f
IN = 1MHz
SFDR = 72.7dBFS
SNR = 65.1dBFS
0
–20
–40
–60
–80
–100
–120
SPECTRAL PERFORMANCE
(Differential, 2Vp-p)
Frequency (MHz)
0
5
10
15
20
25
f
IN = 10MHz
SFDR = 69.8dBFS
SNR = 64.9dBFS
0
–20
–40
–60
–80
–100
–120
SPECTRAL PERFORMANCE
(Differential, 3Vp-p)
Frequency (MHz)
0
5
10
15
20
25
f
IN = 1MHz
SFDR = 71.8dBFS
SNR = 67.2dBFS
0
–20
–40
–60
–80
–100
–120
SPECTRAL PERFORMANCE
(Differential, 3Vp-p)
Frequency (MHz)
0
5
10
15
20
25
f
IN = 10MHz
SFDR = 68.4dBFS
SNR = 66.4dBFS
0
–20
–40
–60
–80
–100
–120
2-TONE INTERMODULATION DISTORTION
Frequency (MHz)
0
5
10
15
20
25
f
1 = 12MHz
f
2 = 13MHz
IMD(3) = –71.8dBc
80
75
70
65
60
55
DYNAMIC PERFORMANCE vs CLOCK
35
40
45
50
55
60
Clock (MHz)
REF = 2V
f
IN = 3.5MHz
SFDR
SNR


Número de pieza similar - ADS2807Y1K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS2807Y1K5 TI-ADS2807Y1K5 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2807Y1K5G4 TI-ADS2807Y1K5G4 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS2807Y1K5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS2807 BURR-BROWN-ADS2807 Datasheet
377Kb / 19P
   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS2807Y1K5 TI-ADS2807Y1K5 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS2806 BURR-BROWN-ADS2806 Datasheet
378Kb / 19P
   Dual, 12-Bit, 32MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com