Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7835 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7835
Descripción Electrónicos  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS7835 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7835 Datasheet HTML 1Page - Texas Instruments ADS7835 Datasheet HTML 2Page - Texas Instruments ADS7835 Datasheet HTML 3Page - Texas Instruments ADS7835 Datasheet HTML 4Page - Texas Instruments ADS7835 Datasheet HTML 5Page - Texas Instruments ADS7835 Datasheet HTML 6Page - Texas Instruments ADS7835 Datasheet HTML 7Page - Texas Instruments ADS7835 Datasheet HTML 8Page - Texas Instruments ADS7835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
ADS7835
®
+VCC to GND ............................................................................ –0.3V to 6V
Analog Inputs to GND ............................................................. –5.3 to +5.3
Digital Inputs to GND ............................................... –0.3V to (VCC + 0.3V)
Power Dissipation .......................................................................... 325mW
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ......................................... –40
°C to +85°C
Storage Temperature Range .......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum condi-
tions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be
handled and stored using appropriate ESD protection meth-
ods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
1
2
3
4
8
7
6
5
+V
CC
CLK
DATA
CONV
V
REF
A
IN
GND
GND
ADS7835
MSOP-8
PIN CONFIGURATION
Top View
PIN
NAME
DESCRIPTION
1VREF
Reference Output. Decouple to ground with a 0.1
µF ceramic capacitor and a 2.2µF tantalum capacitor.
2AIN
±2.5V Input
3
GND
Ground
4
GND
Ground
5
CONV
Convert Input. Controls the sample/hold mode, start of conversion, start of serial data transfer, type of serial transfer, and power-
down mode. See the Digital Interface section for more information.
6
DATA
Serial Data Output. The 12-bit conversion result is serially transmitted most significant bit first with each bit valid on the rising edge
of CLK. By properly controlling the CONV input, it is possibly to have the data transmitted least significant bit first. See the Digital
Interface section for more information.
7
CLK
Clock Input. Synchronizes the serial data transfer and determines conversion speed.
8+VCC
Power Supply. Decouple to ground with a 0.1
µF ceramic capacitor and a 10µF tantalum capacitor.
PIN ASSIGNMENTS
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
LINEARITY
LINEARITY
PACKAGE
SPECIFICATION
ERROR
ERROR
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER(1)
RANGE
MARKING(2)
NUMBER(3)
MEDIA
ADS7835E
±2
N/S(4)
MSOP-8
337
–40
°C to +85°C
B35
ADS7835E/250
Tape and Reel
""
"
"
"
"
"
ADS7835E/2K5
Tape and Reel
ADS7835EB
±1
±1
MSOP-8
337
–40
°C to +85°C
B35
ADS7835EB/250
Tape and Reel
""
"
"
"
"
"
ADS7835EB/2K5
Tape and Reel
ADS7835P
±2
N/S(4)
Plastic DIP-8
006
–40
°C to +85°C
ADS7835P
ADS7835P
Rails
ADS7835PB
±1
±1
""
"
ADS7835PB
ADS7835PB
Rails
NOTE: (1) For detail drawing and dimension table, please see end of data sheet or Package Drawing File on Web. (2) Performance Grade information is marked
on the reel. (3) Models with a slash(/) are available only in Tape and reel in quantities indicated (e.g. /250 indicates 250 units per reel, /2K5 indicates 2500 devices
per reel). Ordering 2500 pieces of ”ADS7835E/2K5“ will get a single 2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to the
www.burr-brown.com web site under Applications and Tape and Reel Orientation and Dimensions. (4) N/S = Not Specified, typical only. However, 12-Bits no missing
codes is guaranteed over temperature.


Número de pieza similar - ADS7835

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835 TI1-ADS7835 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835 TI1-ADS7835 Datasheet
839Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835E BURR-BROWN-ADS7835E Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835E/250 TI1-ADS7835E/250 Datasheet
839Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7835

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com