Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7398BR Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7398BR
Descripción Electrónicos  Quad, Serial-Input 12-Bit/10-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7398BR Datasheet(HTML) 1 Page - Analog Devices

  AD7398BR Datasheet HTML 1Page - Analog Devices AD7398BR Datasheet HTML 2Page - Analog Devices AD7398BR Datasheet HTML 3Page - Analog Devices AD7398BR Datasheet HTML 4Page - Analog Devices AD7398BR Datasheet HTML 5Page - Analog Devices AD7398BR Datasheet HTML 6Page - Analog Devices AD7398BR Datasheet HTML 7Page - Analog Devices AD7398BR Datasheet HTML 8Page - Analog Devices AD7398BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Quad, Serial-Input
12-Bit/10-Bit DACs
AD7398/AD7399
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2011 Analog Devices, Inc. All rights reserved.
FEATURES
AD7398—12-bit resolution
AD7399—10-bit resolution
Programmable power shutdown
Single (3 V to 5 V) or dual (±5 V) supply operation
3-wire, serial SPI®-compatible interface
Internal power-on reset
Double buffered registers for simultaneous
multichannel DAC update
Four separate rail-to-rail reference inputs
Thin profile, TSSOP-16 package available
Low tempco: 1.5 ppm/°C
Qualified for automotive applications
APPLICATIONS
Automotive output voltage span
Portable communications
Digitally controlled calibration
PC peripherals
FUNCTIONAL BLOCK DIAGRAM
DAC A
DAC A
REGISTER
INPUT
REG A
DAC B
REGISTER
INPUT
REG B
DAC C
REGISTER
INPUT
REG C
DAC D
REGISTER
INPUT
REG D
SERIAL
REGISTER
POWER
ON RESET
DAC D
DAC C
DAC B
12/10
CLK
VOUTA
VOUTB
VOUTC
VOUTD
SDI
VSS
RS
LDAC
VREFC
VREFD
GND
CS
VDD
VREFB
VREFA
AD7398/AD7399
Figure 1.
GENERAL DESCRIPTION
The AD7398/AD7399 family of quad, 12-bit/10-bit, voltage
output digital-to-analog converters (DACs) is designed to
operate from a single 3 V to 5 V supply or a dual ±5 V supply.
Built with the Analog Devices, Inc. robust CBCMOS process,
these monolithic DACs offer the user low cost with ease-of-use
in single or dual-supply systems.
The applied external reference, VREF, determines the full-scale
output voltage. Valid VREF values include VSS < VREF < VDD that
result in a wide selection of full-scale outputs. For multiplying
applications, ac inputs can be as large as ±5 VP.
A doubled-buffered serial-data interface offers high speed, 3-wire,
SPI- and microcontroller-compatible inputs using serial data-in
(SDI), clock (CLK), and a chip-select (CS). A common level-
sensitive, load-DAC strobe (LDAC) input allows simultaneous
update of all DAC outputs from previously loaded input registers.
Additionally, an internal power-on reset forces the output voltage to
zero at system turn on. An external asynchronous reset (RS) also
forces all registers to the zero code state. A programmable power-
shutdown feature reduces power dissipation on unused DACs.
Both parts are offered in the same pinout, enabling users to
select the appropriate resolution for their application without
redesigning the layout. For 8-bit resolution applications, see the
pin-compatible AD7304 product.
The AD7398/AD7399 are specified over the extended industrial
(−40°C to +125°C) temperature range. Parts are available in
16-lead, wide body SOIC and ultracompact, thin, 1.1 mm
TSSOP packages.
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
4096
3584
3072
2560
2048
1536
1024
512
CODE (Decimal)
VDD = +5V
VSS = –5V
VREF = +2.5V
TA = 25°C
Figure 2. AD7398 DNL vs. Code (TA = 25°C)


Número de pieza similar - AD7398BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7398BR AD-AD7398BR Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7398BR-REEL7 AD-AD7398BR-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7398BRU-REEL7 AD-AD7398BRU-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
More results

Descripción similar - AD7398BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com