Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7457BRTZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7457BRTZ-REEL7
Descripción Electrónicos  Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7457BRTZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7457BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7457BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7457BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7457BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7457BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7457BRTZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7457BRTZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7457BRTZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7457BRTZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD7457
Rev. A | Page 9 of 20
VREF (V)
4.0
3.5
2.5
3.0
1.5
1.0
2.0
0.5
0
0.5
1.0
01.0
0.5
1.5
3.0
2.5
2.0
3.5
POSITIVE DNL
NEGATIVE DNL
Figure 11. Changes in DNL vs. VREF for VDD = 5 V
VREF (V)
5
4
3
1
2
0
1
2
01.0
0.5
1.5
3.0
2.5
2.0
3.5
POSITIVE INL
NEGATIVE INL
Figure 12. Change in INL vs. VREF for VDD = 5 V
VREF (V)
12
11
10
8
9
7
6
01.0
0.5
1.5
3.0
2.5
2.0
3.5
VDD = 3V
VDD = 5V
Figure 13. ENOB vs. VREF for VDD = 3 V and 5 V


Número de pieza similar - AD7457BRTZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7457BRTZ-REEL7 AD-AD7457BRTZ-REEL7 Datasheet
538Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS
REV. A
AD7457BRTZ-REEL7 AD-AD7457BRTZ-REEL7 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
More results

Descripción similar - AD7457BRTZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7457 AD-AD7457_17 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com