Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7895ARZ-10REEL Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD7895ARZ-10REEL
Descripción Electrónicos  5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7895ARZ-10REEL Datasheet(HTML) 1 Page - Analog Devices

  AD7895ARZ-10REEL Datasheet HTML 1Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 2Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 3Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 4Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 5Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 6Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 7Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 8Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7895
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
5 V, 12-Bit, Serial 3.8 s
ADC in 8-Pin Package
FUNCTIONAL BLOCK DIAGRAM
SIGNAL
SCALING*
12-BIT
ADC
OUTPUT
REGISTER
TRACK/HOLD
AD7895
VIN
CONVST
VDD
GND
BUSY
SCLK
SDATA
REF IN
*AD7895-10, AD7895-3
FEATURES
Fast 12-Bit ADC with 3.8
s Conversion Time
8-Pin Mini-DlP and SOIC
Single 5 V Supply Operation
High Speed, Easy-to-Use, Serial Interface
On-Chip Track/Hold Amplifier
Selection of Input Ranges
10 V for AD7895-10
2.5 V for AD7895-3
0 V to +2.5 V for AD7895-2
High Input Impedance
Low Power: 20 mW max
14-Bit Pin Compatible Upgrade (AD7894)
GENERAL DESCRIPTION
The AD7895 is a fast 12-bit ADC that operates from a single
+5 V supply and is housed in a small 8-pin mini-DIP and 8-pin
SOIC. The part contains a 3.8
µs successive approximation A/D
converter, an on-chip track/hold amplifier, an on-chip clock and
a high speed serial interface.
Output data from the AD7895 is provided via a high speed,
serial interface port. This two-wire serial interface has a serial
clock input and a serial data output with the external serial clock
accessing the serial data from the part.
In addition to the traditional dc accuracy specifications such as
linearity and full-scale and offset errors, the AD7895 is specified
for dynamic performance parameters, including harmonic
distortion and signal-to-noise ratio.
The part accepts an analog input range of
±10 V (AD7895-10),
±2.5 V (AD7895-3), 0 V to 2.5 V (AD7895-2) and operates
from a single +5 V supply, consuming only 20 mW max.
The AD7895 features a high sampling rate mode and, for low
power applications, a proprietary automatic power-down mode
where the part automatically goes into power down once
conversion is complete and “wakes up” before the next conver-
sion cycle.
The part is available in a small, 8-pin, 0.3" wide, plastic dual-in-
line package (mini-DIP) and in an 8-pin, small outline IC (SOIC).
PRODUCT HIGHLIGHTS
1. Fast, 12-Bit ADC in 8-Pin Package
The AD7895 contains a 3.8
µs ADC, a track/hold amplifier,
control logic and a high speed serial interface, all in an 8-pin
package. This offers considerable space saving over alterna-
tive solutions.
2. Low Power, Single Supply Operation
The AD7895 operates from a single +5 V supply and
consumes only 20 mW. The automatic power-down mode,
where the part goes into power-down once conversion is
complete and “wakes up” before the next conversion cycle,
makes the AD7895 ideal for battery-powered or portable
applications.
3. High Speed Serial Interface
The part provides high speed serial data and serial clock lines
allowing for an easy, two-wire serial interface arrangement.


Número de pieza similar - AD7895ARZ-10REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results

Descripción similar - AD7895ARZ-10REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7894ARZ-3 AD-AD7894ARZ-3 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-10 AD-AD7894BRZ-10 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com