Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HFC0300 Datasheet(PDF) 18 Page - Monolithic Power Systems

No. de Pieza. HFC0300
Descripción  Variable Off Time Controller
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo 

HFC0300 Datasheet(HTML) 18 Page - Monolithic Power Systems

 
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
HFC0300– VARIABLE OFF TIME CONTROLLER
HFC0300 Rev. 1.0
www.MonolithicPower.com
18
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Figure 17: Drain Current and Voltage of MOSFET at Low-Line
Input (90VAC); CH2 - CS, CH3, VDS
CS
VDS
VDS
CS
Figure 18: Drain Current and Voltage of MOSFET at High-Line
Input (230VAC); CS2 - CS, CH3 - VDS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn