Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HFC0300 Datasheet(PDF) 20 Page - Monolithic Power Systems

No. de Pieza. HFC0300
Descripción  Variable Off Time Controller
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo 

HFC0300 Datasheet(HTML) 20 Page - Monolithic Power Systems

 
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
HFC0300– VARIABLE OFF TIME CONTROLLER
HFC0300 Rev. 1.0
www.MonolithicPower.com
20
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Table 2: No-Load Loss at Different Line Voltages
Input voltage
(VAC, RMS)
90
115
230
265
Power loss (mW)
74.4
77.2
110.1
121.9
72.00%
74.00%
76.00%
78.00%
80.00%
82.00%
84.00%
86.00%
88.00%
90.00%
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
Output Current Io(A)
Vin=115VAC
Vin=230VAC
Figure 21: Measured Efficiency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn