Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HFC0300 Datasheet(PDF) 12 Page - Monolithic Power Systems

No. de Pieza. HFC0300
Descripción  Variable Off Time Controller
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo 

HFC0300 Datasheet(HTML) 12 Page - Monolithic Power Systems

Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
HFC0300– VARIABLE OFF TIME CONTROLLER
HFC0300 Rev. 1.0
www.MonolithicPower.com
12
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
11.7V
8.2V
5.5V
Vcc
Driver
Fault Flag
OVP Fault
Occurs Here
Driver
Pluses
Regulation
Occurs Here
High voltage
current source
Start up
Normal operation
Normal
operation
Normal operation
OLP Fault
Occurs Here
On
Off
Over Voltage
Occurs Here
Normal
operation
OTP Fault
Occurs Here
Normal operation
Unplug from
main input
Normal
operation
Normal
operation
OLP
delay
Figure 8: Signal Changes in the Presence of Different Faults


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn