Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HFC0300 Datasheet(PDF) 16 Page - Monolithic Power Systems

No. de Pieza. HFC0300
Descripción  Variable Off Time Controller
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo 

HFC0300 Datasheet(HTML) 16 Page - Monolithic Power Systems

Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
HFC0300– VARIABLE OFF TIME CONTROLLER
HFC0300 Rev. 1.0
www.MonolithicPower.com
16
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PGND
4
5
3
1
PGND
PGND
AGND
PGND
6/7
9/10
AGND
CN2
HFC0300
CN1
1A
F1
LX1
Ns
Np
Np-Aux
EE25
T1
COMP
4
Fset
5
GND
3
VCC
6
CS
2
NC
7
Drv
1
HV
8
U1
GBU406
BD1
5
RT1
2.2M
R3
2.2M
R5
150k
R2A
150k
R2B
51k
R2
NC
RF
10
R6
20k
R7
1k
R8
10k
R1
1
R3C
1
R3B
1
R3A
1k
R13
1
R14
11.3k
R16
NC
R17
20
R11A
20
R11B
4.7nF
C2
C5
1nF
C7
C8
3.3nF
C9
C11
C12
C13
FR107
D2
TL431K
U3
U2
PC817A
AP2761I-A
Q1
97.6k
R15
4.02k
R12
2.2nF
CY3
CX1
B1100
1
2
D3
3.3
R4
1
2
C3
C6
C10
L1
1
3
2
V40120C
D1
Figure 14: Schematic of Off-Time Flyback Converter with HFC0300
SEC.
N 1
N 2
N 4
3
4
5
2
1
N 3
9
7
PRI.
6
10
TEFLON TUBE
Figure 15: Connection Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn