Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65642AYFFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65642AYFFR
Descripción Electrónicos  LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65642AYFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65642AYFFR Datasheet HTML 6Page - Texas Instruments TPS65642AYFFR Datasheet HTML 7Page - Texas Instruments TPS65642AYFFR Datasheet HTML 8Page - Texas Instruments TPS65642AYFFR Datasheet HTML 9Page - Texas Instruments TPS65642AYFFR Datasheet HTML 10Page - Texas Instruments TPS65642AYFFR Datasheet HTML 11Page - Texas Instruments TPS65642AYFFR Datasheet HTML 12Page - Texas Instruments TPS65642AYFFR Datasheet HTML 13Page - Texas Instruments TPS65642AYFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
TPS65642A
SLVSC21 – OCTOBER 2013
www.ti.com
4
Typical Characteristics
4.1
Table of Graphs
FUNCTIONAL BLOCK
PARAMETER
TEST CONDITIONS
FIGURE
Boost Converter 1 (AVDD) Efficiency
AVDD = 7 V, 8.4 V, 9.4 V, 10.1 V, IAVDD = 1 mA to 500 mA
VIN = 3.3 V
Figure 4-1
VIN = 5 V
Figure 4-2
Line Regulation
VIN = 2.6 V to 6 V, AVDD = 8.4 V, IAVDD = 100 mA
Figure 4-3
Load Regulation
VIN = 3.3 V, 5 V, AVDD = 8.4 V, IAVDD = 1 mA to 500 mA
Figure 4-4
Line Transient Response
VIN = 3 V to 4.8 V (dV/dt = 7.5 V/ms), AVDD = 8.4 V
RL = 82 Ω
Figure 4-5
RL = 33 Ω
Figure 4-6
Load Transient Response
AVDD = 8.4 V, IAVDD = 20 mA – 200 mA
VIN = 3.3 V
Figure 4-7
VIN = 5 V
Figure 4-8
Output Voltage Ripple
AVDD = 8.4 V, RL = 82 Ω
VIN = 3.3 V
Figure 4-9
VIN = 5 V
Figure 4-10
Switching Waveforms
VIN = 3.3 V, AVDD = 8.4 V
RL = 820 Ω
Figure 4-11
RL = 82 Ω
Figure 4-12
Switching Frequency
VIN = 2.6 V to 6 V, AVDD = 7 V, 8.4 V, 10.1 V
RL = 82 Ω
Figure 4-13
Buck Converter 1 (VCORE) Efficiency
VCORE = 1 V, 1.1 V, 1.2 V, 1.3 V, ICORE = 1 mA to 500 mA
VIN = 3.4 V
Figure 4-14
VIN = 5 V
Figure 4-15
Line Regulation
VIN = 2.6 V to 6 V, VCORE = 1.1 V, ICORE = 300 mA
Figure 4-16
Load Regulation
VIN = 3.4 V, 5 V, VCORE= 1.1 V, ICORE = 1 mA to 500 mA
Figure 4-17
Line Transient Response
VIN = 3 V to 4.8 V (dV/dt = 7.5 V/ms), VCORE= 1.1 V, Load = 3.9 Ω
Figure 4-18
Load Transient Response
VCORE = 1.1 V, ICORE = 50 mA - 200 mA
VIN = 3.3 V
Figure 4-19
VIN = 5 V
Figure 4-20
Output Voltage Ripple
VCORE = 1.1 V, RL = 3.9 Ω
VIN = 3.3 V
Figure 4-21
VIN = 5 V
Figure 4-22
Switching Waveforms
VIN = 3.3 V, VCORE = 1.1 V
RL = 120 Ω
Figure 4-23
RL = 3.9 Ω
Figure 4-24
Switching Frequency
VIN = 2.6 V to 6 V, VCORE = 1.1 V
RL = 12 Ω
Figure 4-25
Buck Converter 2 (VIO1)
Efficiency
VIO1 = 1.7 V, 1.8 V, 2.5 V, IIO1 = 1 mA to 500 mA
VIN = 3.3 V
Figure 4-26
VIN = 5 V
Figure 4-27
Line Regulation
VIN = 2.6 V to 6 V, VIO1 = 1.7 V, IIO1 = 100 mA
Figure 4-28
Load Regulation
VIN = 3.4 V, 5 V, VIO1 = 1.7 V, IIO1 = 1 mA to 500 mA
Figure 4-29
Line Transient Response
VIN = 3 V to 4.8 V (dV/dt = 7.5 V/ms), VIO1 = 1.7 V, RL = 27 Ω
Figure 4-30
Load Transient Response
VIO1 = 1.7 V, IIO1 = 50 mA - 100 mA
VIN = 3.3 V
Figure 4-31
VIN = 5 V
Figure 4-32
Output Voltage Ripple
VIO1 = 1.7 V, RL = 27 Ω
VIN = 3.3 V
Figure 4-33
VIN = 5 V
Figure 4-34
Switching Waveforms
VIN = 3.3 V, VIO1 = 1.7 V
RL = 270 Ω
Figure 4-35
RL = 27 Ω
Figure 4-35
Switching Frequency
VIN = 2.6 V to 6 V, VIO1 = 1.7 V
RL = 27 Ω
Figure 4-35
LDO Regulator (VIO2)
Load Regulation
VIO1 = 2.5 V, VIO2 = 1.8 V, IIO2 = 1 mA to 100 mA
Figure 4-38
Line Transient Response
VIN = 3 V to 4.8 V (dV/dt = 7.5 V/ms), VIO1 = 2.5 V, VIO2 = 1.8 V, RL = 27 Ω
Figure 4-39
Load Transient Response
VIN = 3.3 V, VIO1 = 2.5 V, VIO2 = 1.8 V, IIO2 = 50 mA - 100 mA
Figure 4-40
Output Voltage Ripple
VIN = 3.3 V, VIO1 = 2.5 V, VIO2 = 1.8 V, RL = 27 Ω
Figure 4-41
10
Typical Characteristics
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65642A


Número de pieza similar - TPS65642AYFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
[Old version datasheet]   LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS65642YFFR TI-TPS65642YFFR Datasheet
3Mb / 70P
[Old version datasheet]   LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS65642YFFT TI-TPS65642YFFT Datasheet
3Mb / 70P
[Old version datasheet]   LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
More results

Descripción similar - TPS65642AYFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
[Old version datasheet]   LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
logo
Nuvoton Technology Corp...
NAU8325 NUVOTON-NAU8325 Datasheet
1Mb / 57P
   Notebooks / Tablet PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
logo
Renesas Technology Corp
IDTP9165 RENESAS-IDTP9165 Datasheet
3Mb / 92P
   Programmable Multi Channel PMIC for Tablet PCs
January 27, 2014
logo
Toshiba Semiconductor
TPCA8078 TOSHIBA-TPCA8078 Datasheet
231Kb / 9P
   Notebook PCs Mobile Equipments
TPCF8305 TOSHIBA-TPCF8305 Datasheet
244Kb / 9P
   Notebook PCs Mobile Handsets
logo
API Technologies Corp
CMD319 APITECH-CMD319 Datasheet
119Kb / 1P
   PCS Duplexer With Bias Tee
logo
Silicon Mitus, Inc.
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com