Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4067ME4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza CD74HC4067ME4
Descripción Electrónicos  High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4067ME4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC4067ME4 Datasheet HTML 2Page - Texas Instruments CD74HC4067ME4 Datasheet HTML 3Page - Texas Instruments CD74HC4067ME4 Datasheet HTML 4Page - Texas Instruments CD74HC4067ME4 Datasheet HTML 5Page - Texas Instruments CD74HC4067ME4 Datasheet HTML 6Page - Texas Instruments CD74HC4067ME4 Datasheet HTML 7Page - Texas Instruments CD74HC4067ME4 Datasheet HTML 8Page - Texas Instruments CD74HC4067ME4 Datasheet HTML 9Page - Texas Instruments CD74HC4067ME4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Analog Channel Specifications TA = 25oC
PARAMETER
TEST CONDITIONS
VCC (V)
HC/HCT
UNITS
Switch Frequency Response Bandwidth at -3dB (Figure 2)
Figure 4, Notes 7, 8
4.5
89
MHz
Sine Wave Distortion
Figure 5
4.5
0.051
%
Feedthrough Noise
E to Switch
Figure 6, Notes 8, 9
4.5
TBE
mV
Feedthrough Noise
S to Switch
TBE
mV
Switch “OFF” Signal Feedthrough (Figure 3)
Figure 7
4.5
-75
dB
Switch Input Capacitance, CS
-5
pF
Common Capacitance, CCOM
-50
pF
NOTES:
7. Adjust input level for 0dBm at output, f = 1MHz.
8. VIS is centered at VCC/2.
9. Adjust input for 0dBm at VIS.
Typical Performance Curves
FIGURE 1. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL
VOLTAGE
FIGURE 2. TYPICAL SWITCH FREQUENCY RESPONSE
FIGURE 3. TYPICAL SWITCH-OFF SIGNAL FEEDTHROUGH vs FREQUENCY
140
120
100
80
60
40
20
0
01
2
4
5
6
7
8
9
10
3
INPUT SIGNAL VOLTAGE, VIS (V)
TA = 25
oC, GND = 0V
VCC = 4.5V
0
-1
-2
-3
-4
-5
-6
-7
104
106
107
108
105
FREQUENCY, f (Hz)
VCC = 4.5V
RL = 50Ω
TA = 25
oC
-8
-9
-10
0
-10
-20
-30
-40
-50
-60
-70
104
106
107
108
105
FREQUENCY, f (Hz)
VCC = 4.5V
RL = 50Ω
TA = 25
oC
-80
-90
-100
CD74HC4067, CD74HCT4067


Número de pieza similar - CD74HC4067ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4067ME4 TI-CD74HC4067ME4 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results

Descripción similar - CD74HC4067ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com