Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8116-EB Datasheet(PDF) 3 Page - Analog Devices |
|
AD8116-EB Datasheet(HTML) 3 Page - Analog Devices |
3 / 29 page –2– REV. B AD8116–SPECIFICATIONS (V S = 5 V, TA = 25 C, RL = 1 k unless otherwise noted.) Limit Reference Parameter Conditions Min Typ Max Unit Figure DYNAMIC PERFORMANCE –3 dB Bandwidth 200 mV p-p, RL = 150 Ω 200 MHz 1 1 V p-p, RL = 150 Ω 120 MHz – 2 V p-p, RL = 150 Ω 80 MHz 1 Slew Rate 2 V Step, RL = 150 Ω 300 V/ µs5 Settling Time 0.1%, 2 V Step, RL = 150 Ω 60 ns 6 Gain Flatness 0.05 dB, 200 mV p-p, RL = 150 Ω 25 MHz 1 0.05 dB, 2 V p-p, RL = 150 Ω 20 MHz 1 0.1 dB, 200 mV p-p, RL = 150 Ω 60 MHz 1 0.1 dB, 2 V p-p, RL = 150 Ω 45 MHz 1 NOISE/DISTORTION PERFORMANCE Differential Gain Error NTSC or PAL, RL = 1 k Ω 0.01 % – NTSC or PAL, RL = 150 Ω 0.01 % – Differential Phase Error NTSC or PAL, RL = 1 k Ω 0.01 Degrees – NTSC or PAL, RL = 150 Ω 0.01 Degrees – Crosstalk, All Hostile ƒ = 5 MHz –70 dB 2 ƒ = 10 MHz –60 dB 2 Off Isolation, Input-Output ƒ = 10 MHz, RL = 150 Ω, One Channel –105 dB 11 Input Voltage Noise 0.01 MHz to 50 MHz 15 nV/ √Hz 8 DC PERFORMANCE Gain No Load 0.995 0.999 1.000 V/V – RL = 1 k Ω 0.992 0.999 1.000 V/V – Gain Matching No Load, Ch-Ch 0.15 % – RL = 1 k Ω, Ch-Ch 0.5 % – OUTPUT CHARACTERISTICS Output Offset Voltage Worst-Case All Switch Configurations 15 45 mV 17 Output Impedance DC, Enabled 0.2 Ω 12 Disabled 1 10 M Ω 9 Output Disable Capacitance 3 pF 9 Output Leakage Current Disabled 1 µA– Output Voltage Range ±2.5 ± 3V – Output Current 20 40 mA – Short Circuit Current 65 mA – INPUT CHARACTERISTICS Input Voltage Range ±2.5 ± 3V – Input Capacitance Any Switch Configuration 5 pF 13 Input Resistance 1 10 M Ω 13 Input Bias Current 25 µA– SWITCHING CHARACTERISTICS Enable On Time 60 ns – Switching Time 50% UPDATE to 1% Output Settling, 50 ns 16 2 V Step Switching Transient (Glitch) 15 mV p-p 10 POWER SUPPLIES Supply Current AVCC, Outputs Enabled, No Load 75 95 mA – AVCC, Outputs Disabled 25 mA – AVEE, Outputs Enabled, No Load 70 95 mA – AVEE, Outputs Disabled 22.5 mA – DVCC, Outputs Enabled, No Load 25 35 mA – DVEE, Outputs Enabled, No Load 10 15 mA – Supply Voltage Range ±4.5 to ±5.5 V – PSRR ƒ = 100 kHz 60 dB 7 ƒ = 1 MHz 40 dB 7 OPERATING TEMPERATURE RANGE Temperature Range Operating (Still Air) 0 to 70 °C– θ JA Operating (Still Air) 37 °C/W – Specifications subject to change without notice. |
Número de pieza similar - AD8116-EB |