Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS728185315DRVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS728185315DRVT
Descripción Electrónicos  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728185315DRVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS728185315DRVT Datasheet HTML 5Page - Texas Instruments TPS728185315DRVT Datasheet HTML 6Page - Texas Instruments TPS728185315DRVT Datasheet HTML 7Page - Texas Instruments TPS728185315DRVT Datasheet HTML 8Page - Texas Instruments TPS728185315DRVT Datasheet HTML 9Page - Texas Instruments TPS728185315DRVT Datasheet HTML 10Page - Texas Instruments TPS728185315DRVT Datasheet HTML 11Page - Texas Instruments TPS728185315DRVT Datasheet HTML 12Page - Texas Instruments TPS728185315DRVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
1600
1400
1200
1000
800
600
400
200
0
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T = 40
-
°
J
C
T =+25 C
°
J
T =+85 C
°
J
T =+125 C
°
J
I
=0mA
OUT
350
340
330
320
310
300
290
280
270
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T = 40
-
°
J
C
T =+25°
J
C
T =+85°
J
C
T =+125°
J
C
V
=0.9V(nom)
OUT
350
340
330
320
310
300
290
280
270
2.5
3.0
3.5
4.0
4.5
V
(V)
IN
5.0
5.5
6.0
6.5
T = 40
-
°
J
C
T =+25°
J
C
T =+85°
J
C
T =+125°
J
C
V
=3.6V(nom)
OUT
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
200mA
100mA
5mA
V
=2.7V
IN
V
=1.85V
C
=1 F
OUT
OUT
m
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
200mA
100mA
5mA
V
=2.85V
IN
V
=1.85V
C
=1 F
OUT
OUT
m
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
200mA
100mA
5mA
V
=3.65V
IN
V
=3.15V
C
=1 F
OUT
OUT
m
TPS728xx Series
SBVS095 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN = VSET = VIN, COUT = 1.0μF, unless otherwise noted. Typical values are at TJ = +25°C.
SHUTDOWN CURRENT
CURRENT LIMIT
vs INPUT VOLTAGE
vs INPUT VOLTAGE
Figure 20.
Figure 21.
CURRENT LIMIT
TPS728185315 POWER-SUPPLY RIPPLE REJECTION
vs INPUT VOLTAGE
vs FREQUENCY (VIN – VOUT = 0.85V)
Figure 22.
Figure 23.
TPS728185315 POWER-SUPPLY RIPPLE REJECTION
TPS728185315 POWER-SUPPLY RIPPLE REJECTION
vs FREQUENCY (VIN – VOUT = 1.0V)
vs FREQUENCY (VIN – VOUT = 0.5V)
Figure 24.
Figure 25.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9


Número de pieza similar - TPS728185315DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS728185315DRVT TI-TPS728185315DRVT Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVT TI-TPS728185315DRVT Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVT TI1-TPS728185315DRVT Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVT TI1-TPS728185315DRVT Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVT TI1-TPS728185315DRVT Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Descripción similar - TPS728185315DRVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com