Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS728185315YZUT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS728185315YZUT
Descripción Electrónicos  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728185315YZUT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS728185315YZUT Datasheet HTML 7Page - Texas Instruments TPS728185315YZUT Datasheet HTML 8Page - Texas Instruments TPS728185315YZUT Datasheet HTML 9Page - Texas Instruments TPS728185315YZUT Datasheet HTML 10Page - Texas Instruments TPS728185315YZUT Datasheet HTML 11Page - Texas Instruments TPS728185315YZUT Datasheet HTML 12Page - Texas Instruments TPS728185315YZUT Datasheet HTML 13Page - Texas Instruments TPS728185315YZUT Datasheet HTML 14Page - Texas Instruments TPS728185315YZUT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
Time(10 s
)
m /div
V
=3.8V
V
=3.3V
I
=5mAto200mA
t =t =1 s
IN
OUT
OUT
R
F
m
5mA
200mA
10mV/div
V
OUT
I
OUT
Time(100 s
)
m /div
V
=3.8V,V
=3.3V,I
=0mA
Enable=0.4Vto1Vto0.4V
IN
OUT
OUT
200mV/div
500mV/div
EN
V
OUT
Time(2ms
)
/div
V
IN
V
OUT
Time(10 s
)
m
/div
V
TransitionTime<40 s(2%settling)
m
OUT
V
OUT
V
SET
V
Transitioningfrom1.85Vto3.15V
I
=1mA
OUT
OUT
Time(100 s
)
m
/div
V
Transitioningfrom3.15Vto1.85V
I
=1mA
OUT
OUT
V
OUT
V
SET
Time(40 s
)
m
/div
V
Transitioningfrom1.85Vto3.15V
I
=10mA
OUT
OUT
V
OUT
V
SET
V
TransitionTime<40 s(2%settling)
m
OUT
TPS728xx Series
SBVS095 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN = VSET = VIN, COUT = 1.0μF, unless otherwise noted. Typical values are at TJ = +25°C.
LOAD TRANSIENT RESPONSE
ENABLE TRANSIENT RESPONSE
Figure 32.
Figure 33.
VIN RAMP UP AND RAMP DOWN RESPONSE
VSET PIN TOGGLE
Figure 34.
Figure 35.
VSET PIN TOGGLE
VSET PIN TOGGLE
Figure 36.
Figure 37.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11


Número de pieza similar - TPS728185315YZUT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS728185315YZUT TI-TPS728185315YZUT Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315YZUT TI1-TPS728185315YZUT Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315YZUT TI1-TPS728185315YZUT Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315YZUT TI1-TPS728185315YZUT Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315YZUT TI1-TPS728185315YZUT Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Descripción similar - TPS728185315YZUT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com