Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP3307 Datasheet(PDF) 2 Page - Analog Devices |
|
ADP3307 Datasheet(HTML) 2 Page - Analog Devices |
2 / 9 page –2– REV. (@ TA = , VIN = 7 V, CIN = 0.47 F, COUT = 0.47 F, unless otherwise noted) 1 ADP3303-xx–SPECIFICATIONS Parameter Symbol Conditions Min Typ Max Units OUTPUT VOLTAGE VOUT VIN = VOUTNOM +0.5 V to 12 V ACCURACY IL = 0.1 mA to 200 mA TA = +25°C –0.8 +0.8 % VIN = VOUTNOM +0.5 V to 12 V IL = 0.1 mA to 200 mA –1.4 +1.4 % LINE REGULATION ∆V O VIN = VOUTNOM +0.5 V to 12 V ∆V IN TA = +25°C 0.01 mV/V LOAD REGULATION ∆V O IL = 0.1 mA to 200 mA ∆I L TA = +25°C 0.013 mV/mA GROUND CURRENT IGND IL = 200 mA 1.5 4 mA IL = 0.1 mA 0.25 0.4 mA GROUND CURRENT IGND VIN = 2.5 V IN DROPOUT IL = 0.1 mA 1.12 2.5 mA DROPOUT VOLTAGE VDROP VOUT = 98% of VOUTNOM IL = 200 mA 0.18 0.4 V IL = 10 mA 0.02 0.07 V IL = 1 mA 0.003 0.03 V SHUTDOWN THRESHOLD VTHSD ON 2.0 V OFF 0.3 V SHUTDOWN PIN ISDIN 0 < VSD < 5 V 1 µA INPUT CURRENT 5 ≤ VSD ≤ 12 V @ V IN = 12 V 22 µA GROUND CURRENT IN IQ VSD = 0, VIN = 12 V SHUTDOWN MODE TA = +25°C1 µA VSD = 0, VIN = 12 V TA = +85°C5 µA OUTPUT CURRENT IN IOSD TA = +25°C @ VIN = 12 V 2.5 µA SHUTDOWN MODE TA = +85°C @ VIN = 12 V 4 µA ERROR PIN OUTPUT LEAKAGE IEL VEO = 5 V 13 µA ERROR PIN OUTPUT “LOW” VOLTAGE VEOL ISINK = 400 µA 0.15 0.3 V PEAK LOAD CURRENT ILDPK VIN = VOUTNOM + 1 V 300 mA OUTPUT NOISE VNOISE f = 10 Hz–100 kHz @ 5 V OUTPUT CNR = 0 100 µV rms CNR = 10 nF, CL = 10 µF30 µV rms NOTES 1Ambient temperature of +85 °C corresponds to a typical junction temperature of +125°C under typical full load test conditions. Specifications subject to change without notice. B −25°C to +85°C |
Número de pieza similar - ADP3307 |
|
Descripción similar - ADP3307 |