Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3445MX Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LM3445MX
Descripción Electrónicos  Triac Dimmable Offline LED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3445MX Datasheet(HTML) 2 Page - Texas Instruments

  LM3445MX Datasheet HTML 1Page - Texas Instruments LM3445MX Datasheet HTML 2Page - Texas Instruments LM3445MX Datasheet HTML 3Page - Texas Instruments LM3445MX Datasheet HTML 4Page - Texas Instruments LM3445MX Datasheet HTML 5Page - Texas Instruments LM3445MX Datasheet HTML 6Page - Texas Instruments LM3445MX Datasheet HTML 7Page - Texas Instruments LM3445MX Datasheet HTML 8Page - Texas Instruments LM3445MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
1
4
3
2
14
11
12
13
N/C
N/C
ASNS
DIM
GND
FLTR1
COFF
FLTR2
5
10
N/C
BLDR
6
N/C
7
ISNS
9 VCC
8 GATE
1
4
3
2
10
7
8
9
ISNS
FLTR1
GATE
BLDR
COFF
VCC
ASNS
DIM
5
6
FLTR2
GND
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
DEVICE INFORMATION
ORDER NUMBER(1)
TOP MARK
LM3445M/NOPB
SULB
LM3445MM/NOPB
SULB
LM3445MMX/NOPB
LM3445M
LM3445MX/NOPB
LM3445M
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Connection Diagram
Top View
Top View
Figure 1. 10-Pin VSSOP
Figure 2. 14-Pin SOIC
Package Number DGS
Package Number D
PIN DESCRIPTIONS
SOIC
VSSOP
Name
Description
12
1
ASNS
PWM output of the triac dim decoder circuit. Outputs a 0 to 4V PWM signal with a duty cycle
proportional to the triac dimmer on-time.
13
2
FLTR1
First filter input. The 120Hz PWM signal from ASNS is filtered to a DC signal and compared to a 1 to
3V, 5.85 kHz ramp to generate a higher frequency PWM signal with a duty cycle proportional to the
triac dimmer firing angle. Pull above 4.9V (typical) to tri-state DIM.
14
3
DIM
Input/output dual function dim pin. This pin can be driven with an external PWM signal to dim the
LEDs. It may also be used as an output signal and connected to the DIM pin of other LM3445s or
other LED drivers to dim multiple LED circuits simultaneously.
1
4
COFF
OFF time setting pin. A user set current and capacitor connected from the output to this pin sets the
constant OFF time of the switching controller.
3
5
FLTR2
Second filter input. A capacitor tied to this pin filters the PWM dimming signal to supply a DC voltage
to control the LED current. Could also be used as an analog dimming input.
4
6
GND
Circuit ground connection.
7
7
ISNS
LED current sense pin. Connect a resistor from main switching MOSFET source, ISNS to GND to set
the maximum LED current.
8
8
GATE
Power MOSFET driver pin. This output provides the gate drive for the power switching MOSFET of the
buck controller.
9
9
VCC
Input voltage pin. This pin provides the power for the internal control circuitry and gate driver.
10
10
BLDR
Bleeder pin. Provides the input signal to the angle detect circuitry as well as a current path through a
switched 230
Ω resistor to ensure proper firing of the triac dimmer.
2,5,6,11
-
N/C
No Connect
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445


Número de pieza similar - LM3445MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3445MX NSC-LM3445MX Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MX TI1-LM3445MX Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445MX/NOPB TI1-LM3445MX/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
More results

Descripción similar - LM3445MX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com