Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3410XMYE Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM3410XMYE
Descripción Electrónicos  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3410XMYE Datasheet(HTML) 1 Page - Texas Instruments

  LM3410XMYE Datasheet HTML 1Page - Texas Instruments LM3410XMYE Datasheet HTML 2Page - Texas Instruments LM3410XMYE Datasheet HTML 3Page - Texas Instruments LM3410XMYE Datasheet HTML 4Page - Texas Instruments LM3410XMYE Datasheet HTML 5Page - Texas Instruments LM3410XMYE Datasheet HTML 6Page - Texas Instruments LM3410XMYE Datasheet HTML 7Page - Texas Instruments LM3410XMYE Datasheet HTML 8Page - Texas Instruments LM3410XMYE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
FB
VIN
SW
2
1
3
5
4
DIM
VIN
C1
DIMM
GND
LEDs
L1
D1
R1
C2
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal
Compensation
Check for Samples: LM3410, LM3410Q
1
FEATURES
DESCRIPTION
The LM3410 constant current LED driver is a
23
Space Saving SOT-23 and WSON Packages
monolithic, high frequency, PWM DC/DC converter in
Input Voltage Range of 2.7V to 5.5V
5-pin
Output Voltage Range of 3V to 24V
SOT-23, 6-pin WSON, and 8-pin MSOP-PowerPad™
2.8A Typical Switch Current
packages. With a minimum of external components
High Switching Frequency
the LM3410 is easy to use. It can drive 2.8A typical
peak currents with an internal 170 m
Ω NMOS switch.
525 KHz (LM3410Y)
Switching frequency is internally set to either 525 kHz
1.6 MHz (LM3410X)
or 1.60 MHz, allowing the use of extremely small
170 m
Ω NMOS Switch
surface mount inductors and chip capacitors. Even
though the operating frequency is high, efficiencies
190 mV Internal Voltage Reference
up to 88% are easy to achieve. External shutdown is
Internal Soft-Start
included, featuring an ultra-low standby current of 80
Current-Mode, PWM Operation
nA. The LM3410 utilizes current-mode control and
internal compensation to provide high-performance
Thermal Shutdown
over a wide range of operating conditions. Additional
LM3410Q is AEC-Q100 Grade 1 Qualified and
features include dimming, cycle-by-cycle current limit,
is Manufactured on an Automotive Grade Flow
and thermal shutdown.
APPLICATIONS
LED Backlight Current Source
LiIon Backlight OLED and HB LED Driver
Handheld Devices
LED Flash Driver
Automotive
Typical Boost Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM3410XMYE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3410XMYE/NOPB TI1-LM3410XMYE/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results

Descripción similar - LM3410XMYE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com