Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SL1002A470 Datasheet(PDF) 5 Page - Littelfuse |
|
SL1002A470 Datasheet(HTML) 5 Page - Littelfuse |
5 / 5 page ©2009 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 39 Revised: November 10, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. SL1002A Series SL1002A Series Packaging ‘C’ Type Core Items: Package bulk pack in polybag, 1000 pcs/bag 8 ± 0.1 [0.315 ± 0.004] 1.50 [0.059] 4 ± 0.1 [0.157 ± 0.004] 2 ± 0.1 [0.079 ± 0.004] 1.50 +0.10 0 [0.059] +0.004 0 10x4=40 ± 0.2 [10x0.157=1.575 ± 0.008] 6.5 ± 0.1 [0.256 ± 0.004] 0.40 [0.016] R0.30 max. [0.012] Direction of Feed 17.7 [0.697] 275.0 [10.83] 100.0 [3.94] 25.0 [0.98] 76.0 [2.99] Dimensions are in millimeters [and inches] Dimensions are in millimeters [and inches] Part Numbering System and Ordering Information C = Core (Packed in polybag, 1000pcs/bag) SM = Surface Mount (Packed in carrier and tape, 1000pcs/reel) Voltage Surge Capability Pin Configuration SL1002 A XXX XX 'SM' Type Surface Mount Items: Packaged tape and reel carrier, 1000 pcs/reel (specifications below) |
Número de pieza similar - SL1002A470 |
|
Descripción similar - SL1002A470 |