Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N914 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No. de pieza 1N914
Descripción Electrónicos  Fast switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Página de inicio  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1N914 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1N914 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N914 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N914 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
Fast switching diode
Features
1.
High reliability
2.
High conductance
3.
Fast switching speed (trr≤4 ns)
Applications
For general purpose switching applications
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
Tj=25℃
Parameter
Test Conditions
Symbol
Value
Unit
Non repetitive peak reverse voltage
VRM
100
V
Repetitive peak reverse voltage
VRRM
75
V
Working peak reverse voltage
VRWM
75
V
DC blocking voltage
VR
75
V
RMS reverse voltage
VR(RMS)
53
V
Forward current
IF
300
mA
Average rectified current
Half wave rectification with
resistive load and f>50MHz
IFAV
200
mA
t=1s
IFSM
1
A
Non repetitive peak forward surge
current
t=1µs
IFSM
4
A
Power dissipation
I=4mm TL=25℃
Pd
500
mW
Storage temperature range
Tstg
-65~+175
1N914
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Número de pieza similar - 1N914

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N914 PHILIPS-1N914 Datasheet
51Kb / 8P
   High-speed diode
1999 May 26
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
71Kb / 3P
   Small Signal Fast Switching Diodes
Rev. 1.8, 06-Dec-13
logo
Microsemi Corporation
1N914 MICROSEMI-1N914 Datasheet
63Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
44Kb / 1P
   Small Signal Devices
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
113Kb / 4P
   Fast Switching Diodes
Rev. 1.7, 16-Feb-07
More results

Descripción similar - 1N914

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com