Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4550BVHX Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM4550BVHX
Descripción Electrónicos  LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM4550BVHX Datasheet(HTML) 5 Page - Texas Instruments

  LM4550BVHX Datasheet HTML 1Page - Texas Instruments LM4550BVHX Datasheet HTML 2Page - Texas Instruments LM4550BVHX Datasheet HTML 3Page - Texas Instruments LM4550BVHX Datasheet HTML 4Page - Texas Instruments LM4550BVHX Datasheet HTML 5Page - Texas Instruments LM4550BVHX Datasheet HTML 6Page - Texas Instruments LM4550BVHX Datasheet HTML 7Page - Texas Instruments LM4550BVHX Datasheet HTML 8Page - Texas Instruments LM4550BVHX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LM4550B
www.ti.com
SNAS276F – MAY 2005 – REVISED APRIL 2013
Electrical Characteristics
(1)(2) (continued)
The following specifications apply for AVDD = 5V, DVDD = 3.3V, Fs = 48 kHz, single codec configuration, (primary mode)
unless otherwise noted. Limits apply for TA= 25°C. The reference for 0 dB is 1 Vrms unless otherwise specified.
LM4550B
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
Digital I/O(10)
0.65 x
VIH
High level input voltage
V (min)
DVDD
0.35 x
VIL
Low level input voltage
V (max)
DVDD
0.90 x
VOH
High level output voltage
IO = −2.5 mA.
V (min)
DVDD
0.10 x
VOL
Low level output voltage
IO = 2.5 mA.
V (max)
DVDD
IL
Input Leakage Current
AC Link inputs
±10
µA
IL
Tri state Leakage Current
High impedance AC Link outputs
±10
µA
Cin
AC-Link I/O capacitance
SDout, BitClk, SDin, Sync, Reset# only
4
7.5
pF (max)
IDR
Output drive current
AC Link outputs
5
mA
Digital Timing Specifications(10)
FBC
BIT_CLK frequency
12.288
MHz
TBCP
BIT_CLK period
81.4
ns
TCH
BIT_CLK high
Variation of BIT_CLK duty cycle from 50%
±20
% (max)
FSYNC
SYNC frequency
48
kHz
TSP
SYNC period
20.8
µs
TSH
SYNC high pulse width
1.3
µs
TSL
SYNC low pulse width
19.5
µs
TDSETUP
Setup Time for codec data input
SDATA_OUT to falling edge of BIT_CLK
3.5
10
ns (min)
Hold time of SDATA_OUT from falling edge
TDHOLD
Hold Time for codec data input
5.3
10
ns (min)
of BIT_CLK(10)
TSSETUP
Setup Time for codec SYNC input
SYNC to falling edge of BIT_CLK(10)
3.8
10
ns (min)
Hold time of SYNC from falling edge of
TSHOLD
Hold Time for codec SYNC input
10
ns (min)
BIT_CLK
Output Delay of SDATA_IN from rising edge
TCO
Output Valid Delay
5.2
15
ns (max)
of BIT_CLK(10)
TRISE
Rise Time
BIT_CLK, SYNC, SDATA_IN or SDATA_OUT
6
ns (max)
TFALL
Fall Time
BIT_CLK, SYNC, SDATA_IN or SDATA_OUT
6
ns (max)
Data Delay from CIN to SDATA_IN when the
TCS
Chain Propagation Delay
ns (max)
chain feature is active
TRST_LOW
RESET# active low pulse width
For Cold Reset
1.0
µs (min)
TRST2CLK
RESET# inactive to BIT_CLK start up
For Cold Reset
271
162.8
ns (min)
TSH
SYNC active high pulse width
For Warm Reset
1.0
µs (min)
TSYNC2CLK
SYNC inactive to BIT_CLK start up
For Warm Reset
162.8
ns (min)
Delay from end of Slot 2 to BIT_CLK,
TS2_PDOWN
AC Link Power Down Delay
1
µs (max)
SDATA_IN low
Time from minimum valid supply levels to end
TSUPPLY2RST
Power On Reset
1
µs (min)
of Reset
TSU2RST
Setup to trailing edge of RESET#
For ATE Test Mode
15
ns (min)
TRST2HZ
Rising edge of RESET# to Hi-Z
For ATE Test Mode
25
ns (max)
(10) These specifications are ensured by design and characterization; they are not production tested.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4550B


Número de pieza similar - LM4550BVHX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4550BVHX/NOPB TI1-LM4550BVHX/NOPB Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
More results

Descripción similar - LM4550BVHX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Texas Instruments
LM4546A TI1-LM4546A Datasheet
660Kb / 32P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4450B TI1-LM4450B Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Texas Instruments
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
[Old version datasheet]   AC 97 Rev 2 Codec
logo
Wolfson Microelectronic...
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
   AC 97 Revision 2.1 Audio CODEC with SPDIF Output
logo
National Semiconductor ...
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com