Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5046MHX Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM5046MHX
Descripción Electrónicos  LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM5046MHX Datasheet(HTML) 3 Page - Texas Instruments

  LM5046MHX Datasheet HTML 1Page - Texas Instruments LM5046MHX Datasheet HTML 2Page - Texas Instruments LM5046MHX Datasheet HTML 3Page - Texas Instruments LM5046MHX Datasheet HTML 4Page - Texas Instruments LM5046MHX Datasheet HTML 5Page - Texas Instruments LM5046MHX Datasheet HTML 6Page - Texas Instruments LM5046MHX Datasheet HTML 7Page - Texas Instruments LM5046MHX Datasheet HTML 8Page - Texas Instruments LM5046MHX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
LM5046
www.ti.com
SNVS703G – FEBRUARY 2011 – REVISED MARCH 2013
PIN DESCRIPTIONS (continued)
TSSOP
WQFN
Name
Description
Application Information
Pin
Pin
7
3
REF
Output of a 5V reference
Maximum output current is 15mA. Locally decouple with a 0.1µF
capacitor.
8
4
RT/SYNC
Oscillator Frequency Control and
The resistance connected between RT and AGND sets the
Frequency Synchronization
oscillator frequency. Synchronization is achieved by AC coupling a
pulse to the RT/SYNC pin that raises the voltage at least 1.5V
above the 2V nominal bias level.
9
5
AGND
Analog Ground
Connect directly to the Power Ground.
10
6
RD1
Passive to Active Delay
The resistance connected between RD1 and AGND sets the delay
from the falling edge of HO1/SR1 or LO1/SR2 and the rising edge
of LO1 or HO1 respectively.
11
7
RD2
Active to Passive Delay
The resistance connected between RD2 and AGND sets the delay
from the falling edge of LO2 or HO2 and the rising edge of HO2 or
LO2 respectively.
12
8
RES
Restart Timer
Whenever the CS pin exceeds the 750mV cycle-by-cycle current
limit threshold, 30µA current is sourced into the RES capacitor for
the remainder of the PWM cycle. If the RES capacitor voltage
reaches 1.0V, the SS capacitor is discharged to disable the HO1,
HO2, LO1, LO2 and SR1, SR2 outputs. The SS pin is held low until
the voltage on the RES capacitor has been ramped between 2V and
4V eight times by 10µA charge and 5µA discharge currents. After
the delay sequence, the SS capacitor is released to initiate a normal
start-up sequence.
13
9
SS
Soft-Start Input
An internal 20µA current source charges the SS pin during start-up.
The input to the PWM comparator gradually rises as the SS
capacitor charges to steadily increase the PWM duty cycle. Pulling
the SS pin to a voltage below 200mV stops PWM pulses at HO1,2
and LO1,2 and turns off the synchronous rectifier FETs to a low
state.
14
10
SSSR
Secondary Side Soft-Start
An external capacitor and an internal 20µA current source set the
soft-start ramp for the synchronous rectifiers. The SSSR capacitor
charge-up is enabled after the first output pulse and SS>2V and
Icomp <800µA
15
11
SSOFF
Soft-Stop Disable
When SS OFF pin is connected to the AGND, the LM5046 soft-
stops in the event of a VIN UVLO and Hiccup mode current limit
condition. If the SSOFF pin is connected to REF pin, the controller
hard-stops on any fault condition. Refer to Table 2 for more details.
19
15
SR2
Synchronous Rectifier Driver
Control output for synchronous rectifier gate. Capable of peak
sourcing 100mA and sinking 400mA.
21
17
VCC
Output of Start-Up Regulator
The output voltage of the start-up regulator is initially regulated to
9.5V. Once the secondary side soft-start (SSSR pin) reaches 1V,
the VCC output is reduced to 7.7V. If an auxiliary winding raises the
voltage on this pin above the regulation set-point, the internal start-
up regulator will shutdown, thus reducing the IC power dissipation.
22
18
PGND
Power Ground
Connect directly to Analog Ground
23, 20
19, 16
LO1, LO2
Low Side Output Driver
Alternating output of the PWM gate driver. Capable of 1.5A peak
source and 2A peak sink current.
24
20
SR1
Synchronous Rectifier Driver
Control output for synchronous rectifier gate. Capable of peak
sourcing 100mA and sinking 400mA.
25, 18
21, 14
BST1,2
Gate Drive Bootstrap
Bootstrap capacitors connected between BST1,2 and SW1,2
provide bias supply for the high side HO1,2 gate drivers. External
diodes are required between VCC and BST1,2 to charge the
bootstrap capacitors when SW1,2 are low.
26, 17
22, 13
HO1,2
High Side Output Driver
High side PWM outputs capable of driving the upper MOSFET of
the bridge with 1.5A peak source and 2A peak sink current.
27, 16
23, 12
HS1,2
Switch Node
Common connection of the high side FET source, low side FET
drain and transformer primary winding.
28
24
VIN
Input Power Source
Input to the Start-up Regulator. Operating input range is 14V to
100V. For power sources outside of this range, the LM5046 can be
biased directly at VCC by an external regulator.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5046


Número de pieza similar - LM5046MHX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5046MHX/NOPB TI1-LM5046MHX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results

Descripción similar - LM5046MHX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
[Old version datasheet]   Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com