Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS55001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza TS55001
Descripción Electrónicos  High Efficiency Li-Ion Battery Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TS55001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS55001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS55001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS55001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS55001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS55001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS55001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS55001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS55001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS55001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
- 1 -
TS55001
Version 1.3
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
DESCRIPTION
FEATURES
VBAT reverse current blocking
Programmable temperature-compensated termination
voltage with +/- 1% tolerance
Up to 1.5A of continuous output current in Full
Charge Constant-Current (CC) mode
User programmable charging current
High efficiency – up to 92% at typical load
Current mode PWM control in constant voltage
Supervisor for VBAT reported at the nFLT pin
Input supply under-voltage lockout
Full protection for VBAT over-current, over-temp,
over-voltage, and charging timeout
Charge status indication
I2C program interface with EEPROM registers
SUMMARY SPECIFICATIONS
Wide input voltage range: VBAT + 0.3V (3.5V min) to
7.2V
Packaged in a 16pin QFN (4x4)
TYPICAL APPLICATION
GND
EN
VTHERM
SW
PG
VBAT
SCL
PGND
COUT
LOUT
RSENSE
RREF
VIN
SDA
VTH_REF
VSENSE
Battery
RTHM
RPULLUP
(optional)
VDD
RPULLUP
(optional)
VDD
CIN
VDD
CVdd
The TS55001 is a DC/DC synchronous switching Li-
ion Battery Charger with fully integrated power
switches,
internal
compensation,
and
full
fault
protection. The switching frequency of 1MHz enables
the use of small filter components, resulting in smaller
board space and reduced BOM costs.
The regulation in Full Charge mode is Constant-
Current (CC). Once termination voltage is reached, the
regulator operates in voltage mode. When the regulator
is disabled (EN is low), the device draws 10uA
quiescent current.
The TS55001 includes supervisory reporting through
the nFLT (Inverted Fault) open drain output to interface
other components in the system. Device programming
is achieved by an I²C interface through SCL and SDA
pins.
APPLICATIONS
Portable battery chargers
Smart Phones
Laptops
Tablets / eReaders
High Efficiency Li-Ion Battery Charger
TS55001


Número de pieza similar - TS55001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
   High Efficiency 2A Li-Ion Battery Charger
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555 Datasheet
84Kb / 12P
   LOW POWER SINGLE CMOS TIMERS
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
   LOW POWER SINGLE CMOS TIMER
TS555C STMICROELECTRONICS-TS555C Datasheet
84Kb / 12P
   LOW POWER SINGLE CMOS TIMERS
TS555C STMICROELECTRONICS-TS555C Datasheet
220Kb / 12P
   LOW POWER SINGLE CMOS TIMER
More results

Descripción similar - TS55001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
   High Efficiency 2A Li-Ion Battery Charger
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
logo
Linear Technology
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
   High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com