Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT1G79GW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74AHCT1G79GW
Descripción Electrónicos  Single D-type flip-flop; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G79GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT1G79GW Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G79GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74AHC_AHCT1G79_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2007
7 of 12
NXP Semiconductors
74AHC1G79; 74AHCT1G79
Single D-type flip-flop; positive-edge trigger
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output.
Fig 5.
Clock (CP) to output (Q) propagation delay times, clock pulse width, D to set-up times, the CP to D hold
times and maximum clock pulse frequency
mna647
th
tsu
th
tPHL
tW
tPLH
tsu
1/fmax
VM
VM
VM
VI
GND
VI
GND
CP input
D input
VOH
VOL
Q output
Table 9.
Measurement points
Type
Inputs
Output
VI
VM
VM
74AHC1G79
GND to VCC
0.5
× V
CC
0.5
× V
CC
74AHCT1G79
GND to 3.0 V
1.5 V
0.5
× V
CC
Test data is given in Table 8. Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6.
Load circuitry for switching times
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
DUT


Número de pieza similar - 74AHCT1G79GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHCT1G79GW PHILIPS-74AHCT1G79GW Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
74AHCT1G79GW NXP-74AHCT1G79GW Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
logo
Nexperia B.V. All right...
74AHCT1G79GW NEXPERIA-74AHCT1G79GW Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHCT1G79GW-Q100 NEXPERIA-74AHCT1G79GW-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCT1G79GW-Q100 NEXPERIA-74AHCT1G79GW-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
More results

Descripción similar - 74AHCT1G79GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
74LVC1G80 PANASONIC-74LVC1G80 Datasheet
99Kb / 18P
   Single D-type flip-flop; positive-edge trigger
logo
Nexperia B.V. All right...
74LVC1G80-Q100 NEXPERIA-74LVC1G80-Q100 Datasheet
796Kb / 15P
   Single D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AHC1G79 PHILIPS-74AHC1G79 Datasheet
83Kb / 12P
   Single D-type flip-flop; positive-edge trigger
1999 May 18
logo
Nexperia B.V. All right...
74AHCT1G79 NEXPERIA-74AHCT1G79 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 8 - 11 January 2022
74AHC1G79-Q100 NEXPERIA-74AHC1G79-Q100 Datasheet
721Kb / 14P
   Single D-type flip-flop; positive-edge trigger
74AHCAHC1G79-Q100 NEXPERIA-74AHCAHC1G79-Q100 Datasheet
218Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 4 - 11 January 2022
74LVC1G79-Q100 NEXPERIA-74LVC1G79-Q100 Datasheet
794Kb / 15P
   Single D-type flip-flop; positive-edge trigger
74LVC1G80 NEXPERIA-74LVC1G80 Datasheet
277Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 15 - 29 March 2022
74LVC1G79 NEXPERIA-74LVC1G79 Datasheet
275Kb / 19P
   Single D-type flip-flop; positive-edge trigger
Rev. 14 - 29 March 2022
logo
NXP Semiconductors
74AHC1G79 NXP-74AHC1G79 Datasheet
82Kb / 12P
   Single D-type flip-flop; positive-edge trigger
Rev. 05-2 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com