Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G86 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74AUP2G86
Descripción Electrónicos  Low-power dual 2-input EXCLUSIVE-OR gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G86 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G86 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G86 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G86 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G86 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G86 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G86 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G86 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G86 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G86 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74AUP2G86
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2012
8 of 21
NXP Semiconductors
74AUP2G86
Low-power dual 2-input EXCLUSIVE-OR gate
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1] Max
Min
Max
(85
C)
Max
(125
C)
CL = 5 pF
tpd
propagation delay
nA or nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
21.2
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.3
5.9
13.1
2.1
14.3
15.8
ns
VCC = 1.4 V to 1.6 V
1.8
4.1
7.7
1.6
8.8
9.7
ns
VCC = 1.65 V to 1.95 V
1.5
3.3
5.9
1.4
6.9
7.6
ns
VCC = 2.3 V to 2.7 V
1.2
2.6
4.4
1.1
5.3
5.9
ns
VCC = 3.0 V to 3.6 V
1.0
2.3
4.0
0.9
4.7
5.2
ns
CL = 10 pF
tpd
propagation delay
nA or nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
24.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.8
14.8
2.4
16.2
17.9
ns
VCC = 1.4 V to 1.6 V
2.2
4.8
8.7
1.9
10.0
11.0
ns
VCC = 1.65 V to 1.95 V
1.8
3.9
6.7
1.7
8.0
8.8
ns
VCC = 2.3 V to 2.7 V
1.5
3.1
5.2
1.4
6.2
6.9
ns
VCC = 3.0 V to 3.6 V
1.3
2.9
4.8
1.3
5.6
6.2
ns
CL = 15 pF
tpd
propagation delay
nA or nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
28.2
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.0
7.6
16.5
2.7
18.1
20.0
ns
VCC = 1.4 V to 1.6 V
2.4
5.3
9.6
2.2
11.3
12.5
ns
VCC = 1.65 V to 1.95 V
2.1
4.4
7.5
1.9
9.0
9.9
ns
VCC = 2.3 V to 2.7 V
1.8
3.6
5.9
1.6
7.0
7.7
ns
VCC = 3.0 V to 3.6 V
1.6
3.3
5.4
1.5
6.4
7.1
ns
CL = 30 pF
tpd
propagation delay
nA or nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
38.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.9
9.9
21.5
3.5
24.1
26.6
ns
VCC = 1.4 V to 1.6 V
3.2
6.9
12.5
2.8
14.8
16.3
ns
VCC = 1.65 V to 1.95 V
2.8
5.7
9.8
2.5
11.7
12.9
ns
VCC = 2.3 V to 2.7 V
2.4
4.7
7.6
2.2
9.1
10.1
ns
VCC = 3.0 V to 3.6 V
2.2
4.4
7.1
2.1
8.3
9.2
ns


Número de pieza similar - 74AUP2G86

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
logo
Diodes Incorporated
74AUP2G86 DIODES-74AUP2G86 Datasheet
255Kb / 9P
   DUAL EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
logo
NXP Semiconductors
74AUP2G86DC NXP-74AUP2G86DC Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
logo
Nexperia B.V. All right...
74AUP2G86DC NEXPERIA-74AUP2G86DC Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results

Descripción similar - 74AUP2G86

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
logo
Nexperia B.V. All right...
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com