Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSP1800AJR-S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

No. de pieza LSP1800AJR-S
Descripción Electrónicos  LED Shunt Protector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

LSP1800AJR-S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  LSP1800AJR-S Datasheet HTML 1Page - Bourns Electronic Solutions LSP1800AJR-S Datasheet HTML 2Page - Bourns Electronic Solutions LSP1800AJR-S Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JANUARY 2012 – REVISED FEBRUARY 2012
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
LSPxxxxAJR Series LED Shunt Protector
Product Specifications
How to Order
LSP 0600 AJ R - S
Model Series
LED Shunt Protector
Off-State Voltage
0600 = 6 V
0900 = 9 V
1300 = 13 V
1800 = 18 V
Package
AJ = SMA DO-214AC Package
Standard Packaging
R = Tape and Reel Packaging (5,000 pcs./reel)
Termination
S = RoHS Compliant
Typical Part Marking
Top Side Marking
LSP0600AJR-S ....................................................................LSP060
LSP0900AJR-S ....................................................................LSP090
LSP1300AJR-S ....................................................................LSP130
LSP1800AJR-S ....................................................................LSP180
Unit ................................... Epoxy molded SMA DO-214AC package
Mold Material .......................................................................UL94V-0
Terminations ..................... 100 % matte tin-plated over copper alloy
Unit Weight ...........................................................................102 mg.
Packaging Specifications
Standard ........................................................................... EIA-481-1
Tape Width.............................................................. 12 mm (.472 in.)
Reel Diameter..................................................... 330 mm (12.99 in.)
Part Alignment ......................Cathode bar adjacent to sprocket hole
Quantity per Reel.......................................................... 5,000 pieces
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
MDXXCCE
12
R (B)
T (A)


Número de pieza similar - LSP1800AJR-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
LSP1800AJR-S BOURNS-LSP1800AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
More results

Descripción similar - LSP1800AJR-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
LSP0600BJR-S BOURNS-LSP0600BJR-S Datasheet
293Kb / 6P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
LSP0600BJR-S BOURNS-LSP0600BJR-S_12 Datasheet
284Kb / 3P
   LED Shunt Protector
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
logo
ON Semiconductor
NUD4700 ONSEMI-NUD4700_17 Datasheet
112Kb / 6P
   LED Shunt
January, 2017 ??Rev. 11
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
logo
ADDtek Corp
AMC7169 ADDTEK-AMC7169 Datasheet
64Kb / 5P
   500mA LED PROTECTOR
JUNE 2006
logo
Shanghai Leiditech Elec...
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
   LED Shunt Protection
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
   LED Shunt Protection
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com