Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMG.00.18 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

No. de pieza SMG.00.18
Descripción Electrónicos  ROD END BEARINGS & LINKAGES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMG.00.18 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SMG.00.18 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMG.00.18 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMG.00.18 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMG.00.18 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMG.00.18 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMG.00.18 Datasheet HTML 12Page - List of Unclassifed Manufacturers SMG.00.18 Datasheet HTML 13Page - List of Unclassifed Manufacturers SMG.00.18 Datasheet HTML 14Page - List of Unclassifed Manufacturers SMG.00.18 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MALE ROD ENDS
Series :
45 Uniflon®E Stainless Steel
Self-Lubricating
SME.45.03
SME.45.04
SME.45.05
SME.45.06
SME.45.08
SME.45.10
SME.45.12
SME.45.14
SME.45.16
SME.45.18
SME.45.20
SME.45.22
SME.45.25
SME.45.30
• Stainless steel series
For left-handed threads, please add the suffix “L” to the order
code e.g., SME.45.08.L.
The letter ‘G’ in the order code indicates that a lubrication
nipple is fitted.
Series :
45 Stainless Steel, Standard
Requires Lubrication
SMF.45.03
SMF.45.04
SMF.45.05
SMF.45.06
SMG.45.08
SMG.45.10
SMG.45.12
SMG.45.14
SMG.45.16
SMG.45.18
SMG.45.20
SMG.45.22
SMG.45.25
SMG.45.30
35
Fax: +44 (0)1992 509890
®
4
W
M
H
D
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
03
0.70
M3
× 0.5
15
3
12
27
33
4.5
5.18
6
7.93
5
04
1.20
M4
× 0.7
18
4
14
30
37
5.25
6.46
7
9.52
9
05
2.00
M5
× 0.8
20
5
16
33
41
6
7.71
8
11.11
13
06
2.80
M6
× 1
22
6
18
36
45
6.75
8.96
9
12.70
18
08
5.20
M8
× 1.25
25
8
22
42
53
9
10.40
12
15.88
35
10
7.80
M10
× 1.5
29
10
26
48
61
10.5
12.92
14
19.05
57
12
10.00
M12
× 1.75
33
12
30
54
69
12
15.43
16
22.23
87
14
12.30
M14
× 2
36
14
34
60
77
13.5
16.86
19
25.40
120
16
14.90
M16
× 2
40
16
38
66
85
15
19.39
21
28.58
170
18
17.80
M18
× 1.5
44
18
42
72
93
16.5
21.89
23
31.75
240
20
20.90
M20
× 1.5
47
20
46
78
101
18
24.38
25
34.92
320
22
24.60
M22
× 1.5
51
22
50
84
109
20
25.84
28
38.10
420
25
30.00
M24
× 2
57
25
56
94
122
22
29.60
31
42.85
580
30
39.70
M30
× 2
66
30
66
110
143
25
34.80
37
50.80
980
Order Code
Size
Static
Load (kN)
Thread
× Pitch
AB
D
F
G
H
O
W
Ball dia
E
Weight
(g)
03
0.50
M3
× 0.5
15
3
12
27
33
4.5
5.18
6
7.93
5
04
0.90
M4
× 0.7
18
4
14
30
37
5.25
6.46
7
9.52
9
05
1.50
M5
× 0.8
20
5
16
33
41
6
7.71
8
11.11
13
06
2.10
M6
× 1
22
6
18
36
45
6.75
8.96
9
12.70
18
08
4.00
M8
× 1.25
25
8
22
42
53
9
10.40
12
15.88
35
10
6.00
M10
× 1.5
29
10
26
48
61
10.5
12.92
14
19.05
57
12
7.70
M12
× 1.75
33
12
30
54
69
12
15.43
16
22.23
87
14
9.40
M14
× 2
36
14
34
60
77
13.5
16.86
19
25.40
120
16
11.40
M16
× 2
40
16
38
66
85
15
19.39
21
28.58
170
18
13.70
M18
× 1.5
44
18
42
72
93
16.5
21.89
23
31.75
240
20
16.00
M20
× 1.5
47
20
46
78
101
18
24.38
25
34.92
320
22
18.90
M22
× 1.5
51
22
50
84
109
20
25.84
28
38.10
420
25
23.10
M24
× 2
57
25
56
94
122
22
29.60
31
42.85
580
30
30.50
M30
× 2
66
30
66
110
143
25
34.80
37
50.80
980
Materials:
Housing: Stainless steel x 10 Cr Ni S 189 (A151 303)
Ball:
Stainless steel x 46 Cr 13 (A141 420)
Inserts:
Standard type : Gc Cu Sn 7 Zn Pb bronze
Race:
Self-lubricating type : x 10 Cr Ni S 189 (A151 303) Uniflon®E


Número de pieza similar - SMG.00.18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DOMINANT Semiconductors
SMG-CLD-M2 DOMINANT-SMG-CLD-M2 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-M2N-1 DOMINANT-SMG-CLD-M2N-1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-N1 DOMINANT-SMG-CLD-N1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMG-CLD-N2 DOMINANT-SMG-CLD-N2 Datasheet
217Kb / 8P
   AlInGaP MSpice
logo
SanRex Corporation
SMG04C60 SANREX-SMG04C60 Datasheet
56Kb / 2P
   THYRISTOR
More results

Descripción similar - SMG.00.18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
GFB DELTA-GFB Datasheet
297Kb / 1P
   Bearing Type Ball Bearings
FTA DELTA-FTA Datasheet
356Kb / 1P
   Bearing Type Ball Bearings
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
   Bearing Type Ball Bearings
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
EFB DELTA-EFB Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Schneider Electric
AV-321 SCHNEIDER-AV-321 Datasheet
186Kb / 4P
   Gear Train Actuator Valve Linkages General Instructions
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
   Tie rod
7/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com