Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS7846NG4 Datasheet(PDF) 7 Page - Burr-Brown (TI) |
|
|
ADS7846NG4 Datasheet(HTML) 7 Page - Burr-Brown (TI) |
7 / 30 page ADS7846 7 SBAS125H www.ti.com TYPICAL CHARACTERISTICS (Cont.) At TA = +25°C, +VCC = +2.7V, VREF = External +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted. 2.4865 2.4860 2.4855 2.4850 2.4845 2.4840 V CC (V) INTERNAL V REF vs VCC 850 800 750 700 650 600 550 500 450 Temperature ( °C) TEMP DIODE VOLTAGE vs TEMPERATURE (2.7V SUPPLY) 102.7mV 132.25mV TEMP0 TEMP1 100 80 60 40 20 0 0 200 400 600 800 1000 1200 INTERNAL V REF vs TURN-ON TIME Turn-On Time ( µS) 1 µF Cap (1110 µS) 12-Bit Settling No Cap (52 µS) 12-Bit Settling 620 618 616 614 612 610 2.7 3.0 3.3 V SUPPLY (V) TEMP0 DIODE VOLTAGE vs V SUPPLY (25°C) 732 730 728 726 724 722 2.7 3.0 3.3 V SUPPLY (V) TEMP1 DIODE VOLTAGE vs V SUPPLY (25°C) |
Número de pieza similar - ADS7846NG4 |
|
Descripción similar - ADS7846NG4 |