Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPSC107K004S0100 Datasheet(PDF) 7 Page - AVX Corporation |
|
TPSC107K004S0100 Datasheet(HTML) 7 Page - AVX Corporation |
7 / 11 page 52 I SEPTEMBER 2013 TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC TPSD337*010#0065 D 330 10 33 8 65 1 1.519 1.367 0.608 0.099 0.089 0.039 TPSD337*010#0100 D 330 10 33 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD337*010#0150 D 330 10 33 8 150 1 1.000 0.900 0.400 0.150 0.135 0.060 TPSE337*010#0040 E 330 10 33 8 40 1 1) 2.031 1.828 0.812 0.081 0.073 0.032 TPSE337*010#0050 E 330 10 33 8 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 TPSE337*010#0060 E 330 10 33 8 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 TPSE337*010#0100 E 330 10 33 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSV337*010#0040 V 330 10 33 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 TPSV337*010#0060 V 330 10 33 10 60 1 1) 2.041 1.837 0.816 0.122 0.110 0.049 TPSV337*010#0100 V 330 10 33 10 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 TPSE477*010#0045 E 470 10 47 10 45 1 1) 1.915 1.723 0.766 0.086 0.078 0.034 TPSE477*010#0050 E 470 10 47 10 50 1 1) 1.817 1.635 0.727 0.091 0.082 0.036 TPSE477*010#0060 E 470 10 47 10 60 1 1) 1.658 1.492 0.663 0.099 0.090 0.040 TPSE477*010#0100 E 470 10 47 10 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSE477*010#0200 E 470 10 47 10 200 1 1) 0.908 0.817 0.363 0.182 0.163 0.073 TPSV477*010#0040 V 470 10 47 10 40 1 1) 2.500 2.250 1.000 0.100 0.090 0.040 TPSV477*010#0060 V 470 10 47 10 60 1 1) 2.041 1.837 0.816 0.122 0.110 0.049 TPSV477*010#0100 V 470 10 47 10 100 1 1) 1.581 1.423 0.632 0.158 0.142 0.063 16 Volt @ 85ºC (10 Volt @ 125ºC) TPSA105*016#6200 A 1 16 0.5 4 6200 1 0.110 0.099 0.044 0.682 0.614 0.273 TPSA225*016#1800 A 2.2 16 0.5 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 TPSA225*016#3500 A 2.2 16 0.5 6 3500 1 0.146 0.132 0.059 0.512 0.461 0.205 TPST225*016#2000 T 2.2 16 0.5 6 2000 1 0.200 0.180 0.080 0.400 0.360 0.160 TPSA335*016#3500 A 3.3 16 0.5 6 3500 1 0.146 0.132 0.059 0.512 0.461 0.205 TPSB335*016#2500 B 3.3 16 0.5 6 2500 1 0.184 0.166 0.074 0.461 0.415 0.184 TPSA475*016#2000 A 4.7 16 0.8 6 2000 1 0.194 0.174 0.077 0.387 0.349 0.155 TPSB475*016#0800 B 4.7 16 0.8 6 800 1 0.326 0.293 0.130 0.261 0.235 0.104 TPSB475*016#1500 B 4.7 16 0.8 6 1500 1 0.238 0.214 0.095 0.357 0.321 0.143 TPSA685*016#1500 A 6.8 16 1.1 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 TPSB685*016#0600 B 6.8 16 1.1 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 TPSB685*016#1200 B 6.8 16 1.1 6 1200 1 0.266 0.240 0.106 0.319 0.287 0.128 TPSA106*016#1000 A 10 16 1.6 6 1000 1 0.274 0.246 0.110 0.274 0.246 0.110 TPSB106*016#0500 B 10 16 1.6 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSB106*016#0800 B 10 16 1.6 6 800 1 0.326 0.293 0.130 0.261 0.235 0.104 TPSC106*016#0500 C 10 16 1.6 6 500 1 0.469 0.422 0.188 0.235 0.211 0.094 TPST106*016#0800 T 10 16 1.6 8 800 1 0.316 0.285 0.126 0.253 0.228 0.101 TPST106*016#1000 T 10 16 1.6 8 1000 1 0.283 0.255 0.113 0.283 0.255 0.113 TPSW106*016#0500 W 10 16 1.6 6 500 1 0.424 0.382 0.170 0.212 0.191 0.085 TPSW106*016#0600 W 10 16 1.6 6 600 1 0.387 0.349 0.155 0.232 0.209 0.093 TPSB156*016#0500 B 15 16 2.4 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSB156*016#0800 B 15 16 2.4 6 800 1 0.326 0.293 0.130 0.261 0.235 0.104 TPSC156*016#0700 C 15 16 2.4 6 700 1 0.396 0.357 0.159 0.277 0.250 0.111 TPSB226*016#0400 B 22 16 3.5 6 400 1 0.461 0.415 0.184 0.184 0.166 0.074 TPSB226*016#0600 B 22 16 3.5 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 TPSC226*016#0150 C 22 16 3.5 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 TPSC226*016#0250 C 22 16 3.5 6 250 1 0.663 0.597 0.265 0.166 0.149 0.066 TPSC226*016#0300 C 22 16 3.5 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 TPSC226*016#0375 C 22 16 3.5 6 375 1 0.542 0.487 0.217 0.203 0.183 0.081 TPSD226*016#0700 D 22 16 3.5 6 700 1 0.463 0.417 0.185 0.324 0.292 0.130 TPSW226*016#0500 W 22 16 3.5 6 500 1 0.424 0.382 0.170 0.212 0.191 0.085 TPSB336*016#0350 B 33 16 5.3 8 350 1 0.493 0.444 0.197 0.172 0.155 0.069 TPSB336*016#0500 B 33 16 5.3 8 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSC336*016#0100 C 33 16 5.3 6 100 1 1.049 0.944 0.420 0.105 0.094 0.042 TPSC336*016#0150 C 33 16 5.3 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 TPSC336*016#0225 C 33 16 5.3 6 225 1 0.699 0.629 0.280 0.157 0.142 0.063 TPSC336*016#0300 C 33 16 5.3 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 TPSD336*016#0200 D 33 16 5.3 6 200 1 0.866 0.779 0.346 0.173 0.156 0.069 TPSW336*016#0140 W 33 16 5.3 6 140 1 0.802 0.722 0.321 0.112 0.101 0.045 TPSW336*016#0175 W 33 16 5.3 6 175 1 0.717 0.645 0.287 0.125 0.113 0.050 TPSW336*016#0250 W 33 16 5.3 6 250 1 0.600 0.540 0.240 0.150 0.135 0.060 TPSW336*016#0400 W 33 16 5.3 6 400 1 0.474 0.427 0.190 0.190 0.171 0.076 TPSW336*016#0500 W 33 16 5.3 6 500 1 0.424 0.382 0.170 0.212 0.191 0.085 TPSY336*016#0300 Y 33 16 5.3 6 300 1 1) 0.645 0.581 0.258 0.194 0.174 0.077 TPSY336*016#0400 Y 33 16 5.3 6 400 1 1) 0.559 0.503 0.224 0.224 0.201 0.089 TPSC476*016#0110 C 47 16 7.5 6 110 1 1.000 0.900 0.400 0.110 0.099 0.044 TPSC476*016#0350 C 47 16 7.5 6 350 1 0.561 0.505 0.224 0.196 0.177 0.078 TPSD476*016#0080 D 47 16 7.5 6 80 1 1.369 1.232 0.548 0.110 0.099 0.044 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. For AEC-Q200 availability, please contact AVX. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 150. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. |
Número de pieza similar - TPSC107K004S0100 |
|
Descripción similar - TPSC107K004S0100 |