Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7846N2K5G4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS7846N2K5G4
Descripción Electrónicos  TOUCH SCREEN CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7846N2K5G4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7846N2K5G4 Datasheet HTML 4Page - Burr-Brown (TI) ADS7846N2K5G4 Datasheet HTML 5Page - Burr-Brown (TI) ADS7846N2K5G4 Datasheet HTML 6Page - Burr-Brown (TI) ADS7846N2K5G4 Datasheet HTML 7Page - Burr-Brown (TI) ADS7846N2K5G4 Datasheet HTML 8Page - Burr-Brown (TI) ADS7846N2K5G4 Datasheet HTML 9Page - Burr-Brown (TI) ADS7846N2K5G4 Datasheet HTML 10Page - Burr-Brown (TI) ADS7846N2K5G4 Datasheet HTML 11Page - Burr-Brown (TI) ADS7846N2K5G4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADS7846
8
SBAS125H
www.ti.com
THEORY OF OPERATION
The ADS7846 is a classic successive approximation register
(SAR) analog-to-digital converter (ADC). The architecture is
based on capacitive redistribution which inherently includes
a sample-and-hold function. The converter is fabricated on a
0.6
µm CMOS process.
The basic operation of the ADS7846 is shown in Figure 1.
The device features an internal 2.5V reference and an
external clock. Operation is maintained from a single supply
of 2.7V to 5.25V. The internal reference can be overdriven
with an external, low impedance source between 1V and
+VCC. The value of the reference voltage directly sets the
input range of the converter.
The analog input (X-, Y-, and Z-position coordinates, auxil-
iary input, battery voltage, and chip temperature) to the
converter is provided via a multiplexer. A unique configura-
tion of low on-resistance touch panel driver switches allows
an unselected ADC input channel to provide power and its
accompanying pin to provide ground for an external device,
such as a touch screen. By maintaining a differential input to
the converter and a differential reference architecture, it is
possible to negate the error from each touch panel driver
switch’s on-resistance (if this is a source of error for the
particular measurement).
ANALOG INPUT
See Figure 2 for a block diagram of the input multiplexer on
the ADS7846, the differential input of the ADC, and the
differential reference of the converter. Table I and Table II
show the relationship between the A2, A1, A0, and SER/DFR
control bits and the configuration of the ADS7846. The
control bits are provided serially via the DIN pin—see the
Digital Interface section of this data sheet for more details.
When the converter enters the hold mode, the voltage
difference between the +IN and –IN inputs (see Figure 2) is
captured on the internal capacitor array. The input current
into the analog inputs depends on the conversion rate of the
device. During the sample period, the source must charge
the internal sampling capacitor (typically 25pF). After the
capacitor has been fully charged, there is no further input
current. The rate of charge transfer from the analog source
to the converter is a function of conversion rate.
FIGURE 1. Basic Operation of the ADS7846.
A2
A1
A0
VBAT
AUXIN
TEMP
Y–
X+
Y+
Y-POSITION
X-POSITION
Z1-POSITION Z2-POSITION
X-DRIVERS
Y-DRIVERS
00
0
+IN (TEMP0)
Off
Off
0
0
1
+IN
Measure
Off
On
01
0
+IN
Off
Off
0
1
1
+IN
Measure
X–, On
Y+, On
1
0
0
+IN
Measure
X–, On
Y+, On
1
0
1
+IN
Measure
On
Off
11
0
+IN
Off
Off
11
1
+IN (TEMP1)
Off
Off
TABLE I. Input Configuration (DIN), Single-Ended Reference Mode (SER/DFR high).
TABLE II. Input Configuration (DIN), Differential Reference Mode (SER/DFR low).
A2
A1
A0
+REF
–REF
Y–
X+
Y+
Y-POSITION
X-POSITION
Z1-POSITION
Z2-POSITION
DRIVERS ON
00
1
Y+
Y–
+IN
Measure
Y+, Y–
01
1
Y+
X–
+IN
Measure
Y+, X–
10
0
Y+
X–
+IN
Measure
Y+, X–
10
1
X+
X–
+IN
Measure
X+, X–
+V
CC
X+
Y+
X–
Y–
GND
V
BAT
AUX
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
+V
CC
V
REF
Serial/Conversion Clock
Chip Select
Serial Data In
Converter Status
Serial Data Out
+
1
µF
to
10
µF
(Optional)
+2.7V to +5V
ADS7846
Auxiliary Input
To Battery
Voltage
Regulator
Touch
Screen
0.1
µF
Pen Interrupt
50k


Número de pieza similar - ADS7846N2K5G4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7846N2K5G4 TI-ADS7846N2K5G4 Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Descripción similar - ADS7846N2K5G4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com