Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU24TD3WG-TR Datasheet(PDF) 2 Page - Rohm

No. de pieza BU24TD3WG-TR
Descripción Electrónicos  Versatile Package FULL CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU24TD3WG-TR Datasheet(HTML) 2 Page - Rohm

  BU24TD3WG-TR Datasheet HTML 1Page - Rohm BU24TD3WG-TR Datasheet HTML 2Page - Rohm BU24TD3WG-TR Datasheet HTML 3Page - Rohm BU24TD3WG-TR Datasheet HTML 4Page - Rohm BU24TD3WG-TR Datasheet HTML 5Page - Rohm BU24TD3WG-TR Datasheet HTML 6Page - Rohm BU24TD3WG-TR Datasheet HTML 7Page - Rohm BU24TD3WG-TR Datasheet HTML 8Page - Rohm BU24TD3WG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300030-1-2
TSZ22111・15・001
2/10
21.AUG.2013.Rev.003
BUxxTD3WG series
Datasheet
●Connection Diagram
SSOP5
●Pin Descriptions
SSOP5
PIN No.
Symbol
Function
1
VIN
Power Supply Voltage
2
GND
Grouding
3
STBY
ON/OFF control of output voltage
(High: ON, Low: OFF)
4
N.C.
Unconnected Terminal
5
VOUT
Output Voltage
●Ordering Information
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
12
3
0.1
Lot. No
TOP VIEW
VIN
GND STBY
N.C.
VOUT
Marking
BU
x
x
T
D
3
W
G
-
T
R
Part
Output Voltage
Series
with
Package
Halogen Free
Packageing and forming specification
Number
10 : 1.0V
Maximum Output Current
output discharge G : SSOP5
G : compatible
Embossed tape and reel
200mA
Blank : incompatible
TR : The pin number 1 is the upper right
34 : 3.4V


Número de pieza similar - BU24TD3WG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU24020GU ROHM-BU24020GU Datasheet
130Kb / 4P
   Silicon monolithic integrated circuit
BU24020GU ROHM-BU24020GU Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24020GU-E2 ROHM-BU24020GU-E2 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24024GU ROHM-BU24024GU Datasheet
177Kb / 5P
   Lens control LSI
More results

Descripción similar - BU24TD3WG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com