Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4235G-TR Datasheet(PDF) 11 Page - Rohm

No. de pieza BU4235G-TR
Descripción Electrónicos  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4235G-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU4235G-TR Datasheet HTML 7Page - Rohm BU4235G-TR Datasheet HTML 8Page - Rohm BU4235G-TR Datasheet HTML 9Page - Rohm BU4235G-TR Datasheet HTML 10Page - Rohm BU4235G-TR Datasheet HTML 11Page - Rohm BU4235G-TR Datasheet HTML 12Page - Rohm BU4235G-TR Datasheet HTML 13Page - Rohm BU4235G-TR Datasheet HTML 14Page - Rohm BU4235G-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Datasheet
Datasheet
11/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2.Aug.2013 Rev.007
www.rohm.com
TSZ22111・15・001
●Circuit Applications
1) Examples of common power supply detection reset circuits
Application examples of BU42xx series
(Open Drain output type) and BU43xx series
(CMOS output type) are shown below.
CASE1: Power supply of microcontroller (VDD2) differs
from the power supply of the reset detection (VDD1).
Use an open drain output Type (BU42xx series) device
with a load resistance RL as shown Fig.18.
CASE2: Power supply of microcontroller (VDD1) is the
same as the power supply of the reset detection (VDD1).
Use a CMOS output type (BU43xx series) device or an
open drain output type (BU42xx series) device with a pull
up resistor between the output and VDD1.
When a capacitance CL for noise filtering is connected to
VouT pin (the reset signal input terminal of the
microcontroller), please take into account the waveform
of the rise and fall time of the output voltage (VouT).
2) The following is an example of a circuit application in which an OR connection between two types of detection voltage
resets the microcontroller.
To reset the microcontroller when many independent power supplies are used in the system, OR connect an open drain
output type (BU42xx series) to the microcontroller’s input with pull-up resistor to the supply voltage of the microcontroller
(VDD3) as shown in Fig. 20. By pulling-up to VDD3, output “High” voltage of micro-controller power supply is possible.
VDD1
BU43xx
CIN
GND
CT
RST
CL
(Capacitor for
noise filtering)
Micro
controller
Fig.19 CMOS Output type
VDD1
BU42xx
VDD2
GND
RST
CL
(Capacitor for
noise filtering)
CT
RL
CIN
Micro
controller
Fig.18 Open Drain Output type
VDD1
VDD3
GND
RST
microcontroller
CT
RL
VDD2
CT
BU42xx
NO.1
BU42xx
NO.2
Fig.20


Número de pieza similar - BU4235G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4235G-TR ROHM-BU4235G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4235G-TR ROHM-BU4235G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Descripción similar - BU4235G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XXG ROHM-BU42XXG_09 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com