Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD767JN Datasheet(PDF) 3 Page - Analog Devices |
|
AD767JN Datasheet(HTML) 3 Page - Analog Devices |
3 / 8 page AD767 REV. A –3– ABSOLUTE MAXIMUM RATINGS* VCC to Power Ground . . . . . . . . . . . . . . . . . . . . .0 V to +18 V VEE to Power Ground . . . . . . . . . . . . . . . . . . . . . 0 V to –18 V Digital Inputs (Pins 11, 13–24) to Power Ground . . . . . . . . . . . . . . . . . . . . –1.0 V to +7.0 V Ref In to Reference Ground . . . . . . . . . . . . . . . . . . . . . . ±12 V Bipolar Offset to Reference Ground . . . . . . . . . . . . . . . . ±12 V 10 V Span R to Reference Ground . . . . . . . . . . . . . . . . . ±12 V 20 V Span R to Reference Ground . . . . . . . . . . . . . . . . . ±24 V Ref Out, VOUT (Pins 6, 9) . . . Indefinite short to power ground Momentary Short to VCC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. TIMING SPECIFICATIONS (All Models, TA = 25°C, VCC = +12 V or +15 V, VEE = –12 V or –15 V) Symbol Parameter Min Typ Max tDS Data Valid to End of CS 40 – – ns (–25 °C to +85°C) 60 – – ns (–55 °C to +125°C) 90 – – ns tDH Data Hold Tiıne 10 – – ns (–25 °C to +85°C) 10 – – ns (–55 °C to +125°C) 20 – – ns tCS CS Pulse Width 40 – – ns (–25 °C to +85°C) 60 – – ns (–55 °C to +125°C) 90 – – ns tSETT Output Voltage Settling Time* – 2 4 µs *tSETT is measured referenced to the leading edge of tCS. If tCS > tDS, then tSETT is measured referenced to the beginning of Data Valid. PIN CONFIGURATION PLCC DIP ORDERING GUIDE Linearity Gain T.C. Temperature Error Max Max Model 1 Package Range CTMIN–TMAX ppm/ C AD767JN Plastic DIP 0 to +70 ±1 LSB 30 AD767JP PLCC 0 to +70 ±1 LSB 30 AD767KN Plastic DIP 0 to +70 ±1/2 LSB 15 AD767KP PLCC 0 to +70 ±1/2 LSB 15 AD767AD Ceramic DIP –25 to +85 ±1 LSB 30 AD767BD Ceramic DIP –25 to +85 ±1/2 LSB 15 AD767SD/ 883B Ceramic DIP –55 to +125 Note 2 Note 2 AD767A Chips N/A –25 to +85 ±1 LSB 30 NOTES 1D = Ceramic DIP; N = Plastic DIP; P = Plastic Leaded Chip Carrier. 2For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current AD767/883B data sheet. |
Número de pieza similar - AD767JN |
|
Descripción similar - AD767JN |