Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD767KN Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD767KN
Descripción Electrónicos  Microprocessor - Compatible 12-Bit D/A Comverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD767KN Datasheet(HTML) 7 Page - Analog Devices

  AD767KN Datasheet HTML 1Page - Analog Devices AD767KN Datasheet HTML 2Page - Analog Devices AD767KN Datasheet HTML 3Page - Analog Devices AD767KN Datasheet HTML 4Page - Analog Devices AD767KN Datasheet HTML 5Page - Analog Devices AD767KN Datasheet HTML 6Page - Analog Devices AD767KN Datasheet HTML 7Page - Analog Devices AD767KN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD767
REV. A
–7–
Figure 5e. Fine-Scale Settling, CF = 20 pF
DIGITAL INPUT CONSIDERATIONS
The threshold of the digital input circuitry is set at 1.4 volts and
does not change with supply voltage. Thus the AD767 digital
interface may be driven with any of the popular types of 5 volt
logic.
A good engineering practice is to connect unused inputs to
power ground to improve noise immunity. Unconnected data
and control inputs will float to logic 0 if left open.
The low digital input current of the AD767 eliminates the need
for buffer/drivers required by many monolithic converters using
bipolar technology. A single low-power Schottky gate, for
example, will drive several AD767s when connected to a
common bus.
INPUT CODING
The AD767 uses positive-true binary input coding. Logic “1” is
represented by an input voltage greater than 2.0 V, and logic
“0” is defined as an input voltage less than 0.8 V.
Unipolar coding is straight binary, where all zeroes (000H) on
the data inputs yields a zero analog output and all ones (FFFH)
yields an analog output 1 LSB below full scale.
Bipolar coding is offset binary, where an input code of 000H
yields a minus full-scale output, an input of FFFH yields an
output 1 LSB below positive full scale, and zero occurs for an
input code with only the MSB on (800H).
The AD767 can be used with twos complement input coding if
an inverter is used on the MSB (DB11).
MICROPROCESSOR INTERFACE
The AD767, with its 40 ns minimum CS pulse width, may be
easily interfaced to any of today’s high-speed microprocessors.
The 12-bit single buffered input register will accept 12-bit
parallel data from processors such as the 68000, 8086, TMS320
series, and the Analog Devices ADSP-2100. Several illustrative
examples follow.
68000 – AD767 INTERFACE
Figure 6 illustrates the AD767 interface to a 68000 micro-
processor. An active low decoded address is OR’ed with the
processor’s R/W signal to provide CS and latch data into the
AD767. Later in the bus cycle the processor issues the upper
(UDS) and lower (LDS) data strobes which are gated with the
decoded address to provide DTACK and terminate the bus
cycle. As shown, this interface will support a 12.5 MHz 68000
system.
Figure 6. 68000 – AD767 Interface
8086 – AD767 INTERFACE
Interfacing the AD767 to the 8086 16-bit microprocessor
requires a minimal amount of external components. A 10 MHz
8086, for example, generates a 165 ns low write pulse which
may be gated with a decoded address to provide CS for the
AD767. As WR returns high valid data is latched into the DAC.
See Figure 7.
Figure 7. 8086 – AD767 Interface
TMS32010 – AD767 INTERFACE
The high-speed digital interface of the AD767 facilitates its use
with the TMS32010 microprocessor at speeds up to 20 MHz.
In the three multiplexed LSBs of the address bus, PA2 – PA0
are decoded as a port address and OR’ed with the low write
enable to generate CS for the DAC. A simple OUT xx,y
instruction will output the data word stored in memory location
xx to any one of eight port locations y.
Figure 8. TMS32010 – AD767 Interface
TMS32020 – AD767 INTERFACE
Interfacing the AD767 to the TMS32020 microprocessor is
easily achieved by using the TMS32020 I/O port capability. The
IS
signal distinguishes the I/O address space from the local
program/data memory space and is used to enable a 74LS138
decoder. The decoded port address is then gated with the R/W
and STRB signals to provide the AD767 CS.


Número de pieza similar - AD767KN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD767KN AD-AD767KN Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KN AD-AD767KN Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KN AD-AD767KN Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KN AD-AD767KN Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results

Descripción similar - AD767KN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
   12-Bit, Microprocessor- Compatible A/D Converter
logo
Analog Devices
AD667 AD-AD667 Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JPZ AD-AD667JPZ Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667MIL AD-AD667MIL_15 Datasheet
146Kb / 4P
   Microprocessor Compatible 12 Bit D/A Converter
AD767 AD-AD767_15 Datasheet
627Kb / 8P
   Microprocessor Compatible 12 Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com