Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC373BQ Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74HC373BQ
Descripción Electrónicos  Octal D-type transparent latch; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC373BQ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC373BQ Datasheet HTML 6Page - NXP Semiconductors 74HC373BQ Datasheet HTML 7Page - NXP Semiconductors 74HC373BQ Datasheet HTML 8Page - NXP Semiconductors 74HC373BQ Datasheet HTML 9Page - NXP Semiconductors 74HC373BQ Datasheet HTML 10Page - NXP Semiconductors 74HC373BQ Datasheet HTML 11Page - NXP Semiconductors 74HC373BQ Datasheet HTML 12Page - NXP Semiconductors 74HC373BQ Datasheet HTML 13Page - NXP Semiconductors 74HC373BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
74HC_HCT373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
10 of 26
NXP Semiconductors
74HC373; 74HCT373
Octal D-type transparent latch; 3-state
10. Dynamic characteristics
Table 8.
Dynamic characteristics 74HC373
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
tpd
propagation delay
Dn to Qn; see Figure 8
[1]
VCC = 2.0 V
-
41
150
ns
VCC = 4.5 V
-
15
30
ns
VCC =5V; CL =15pF
-
12
-
ns
VCC = 6.0 V
-
12
26
ns
LE to Qn; see Figure 9
VCC = 2.0 V
-
50
175
ns
VCC = 4.5 V
-
18
35
ns
VCC =5V; CL =15pF
-
15
-
ns
VCC = 6.0 V
-
14
30
ns
ten
enable time
OE to Qn; see Figure 10
[2]
VCC = 2.0 V
-
44
150
ns
VCC = 4.5 V
-
16
30
ns
VCC = 6.0 V
-
13
26
ns
tdis
disable time
OE to Qn; see Figure 10
[3]
VCC = 2.0 V
-
47
150
ns
VCC = 4.5 V
-
17
30
ns
VCC = 6.0 V
-
14
26
ns
tt
transition time
Qn; see Figure 8 and Figure 9
[4]
VCC = 2.0 V
-
14
60
ns
VCC = 4.5 V
-
5
12
ns
VCC = 6.0 V
-
4
10
ns
tW
pulse width
LE HIGH; see Figure 9
VCC = 2.0 V
80
17
-
ns
VCC = 4.5 V
16
6
-
ns
VCC = 6.0 V
14
5
-
ns
tsu
set-up time
Dn to LE; see Figure 11
VCC = 2.0 V
50
14
-
ns
VCC = 4.5 V
10
5
-
ns
VCC = 6.0 V
9
4
-
ns
th
hold time
Dn to LE; see Figure 11
VCC = 2.0 V
+5
8-
ns
VCC = 4.5 V
+5
3-
ns
VCC = 6.0 V
+5
2-
ns
CPD
power dissipation capacitance
per latch; VI =GND to VCC
[5] -45
-pF


Número de pieza similar - 74HC373BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC373BQ NEXPERIA-74HC373BQ Datasheet
282Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 6 September 2021
logo
NXP Semiconductors
74HC373BQ-Q100 NXP-74HC373BQ-Q100 Datasheet
179Kb / 24P
   Octal D-type transparent latch; 3-state
Rev. 1-10 August 2012
logo
Nexperia B.V. All right...
74HC373BQ-Q100 NEXPERIA-74HC373BQ-Q100 Datasheet
277Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 22 July 2020
More results

Descripción similar - 74HC373BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com