Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM028S1-00 Datasheet(PDF) 1 Page - Alpha Industries

No. de pieza AM028S1-00
Descripción Electrónicos  26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALPHA [Alpha Industries]
Página de inicio  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AM028S1-00 Datasheet(HTML) 1 Page - Alpha Industries

  AM028S1-00 Datasheet HTML 1Page - Alpha Industries AM028S1-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 2/00A
26–33 GHz GaAs MMIC Single
Balanced Down Converter Mixer
Features
I Low Conversion Loss, 6.0 dB
I Low LO Power Requirement, 8 dBm
I Wide IF Bandwidth, 0–5 GHz
I No DC Bias Required
Description
Alpha’s single balanced GaAs Schottky diode mixer has
a typical conversion loss of 6.0 dB at an LO power level
as low as 8 dBm over the band 26–33 GHz. The chip uses
Alpha’s proven Schottky diode technology, and is based
upon MBE layers for the highest uniformity and
repeatability. The diodes employ surface passivation to
ensure a rugged, reliable part with through-substrate via
holes and gold-based backside metallization to facilitate
an epoxy die attach process. All chips are screened for
DC diode parameters and lot samples are RF measured
to guarantee performance.
Dimensions indicated in mm.
All pads are
≥ 0.07 mm wide.
Chip thickness = 0.1 mm.
Chip Outline
Parameter
Symbol
Min.
Typ.2
Max.
Unit
RF and LO Frequency Range
FRF, FLO
26–33
GHz
IF Frequency Range
FIF
0–5
GHz
LO Power Level
PLO
8–18
dBm
Conversion Loss1
LC
6dB
RF and LO Return Loss1
RLRF, RLLO
20
dB
LO to RF Isolation1
ISOLO-RF
12
dB
LO to IF Isolation1
ISOLO-IF
35
dB
RF Input 1 dB Compression Point1
P1 dB
10
dBm
Individual Diode Series Resistance
RS
3.3
Electrical Specifications at 25°C
OHMIC ADDED 9-4-92
OHMIC ADDED 9-4-92
0.000
1.740
1.426
1.407
Absolute Maximum Ratings
Characteristic
Value
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Total Input Power (RF + LO)
20 dBm
AM028S1-00
1. Not measured on a 100% basis.
2. Typical represents the median parameter value across the specified
frequency range for the median chip.


Número de pieza similar - AM028S1-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
   26-33 GHz Surface Mount Single Balanced Down Converter Mixer
More results

Descripción similar - AM028S1-00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
AM028D1-00 ALPHA-AM028D1-00 Datasheet
165Kb / 2P
   26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
   33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
   26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
   26-33 GHz Surface Mount Single Balanced Down Converter Mixer
AM028D1-A2 ALPHA-AM028D1-A2 Datasheet
590Kb / 4P
   26-33 GHz Surface Mount Double Balanced Down Converter Mixer
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
   33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028S2-A2 ALPHA-AM028S2-A2 Datasheet
600Kb / 4P
   26-33 GHz Surface Mount Single Balanced Up Converter Mixer
AM038R1-00 ALPHA-AM038R1-00 Datasheet
123Kb / 2P
   33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC338 HITTITE-HMC338_09 Datasheet
303Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com