Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP6042I Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza MCP6042I
Descripción Electrónicos  600 nA, Rail-to-Rail Input/Output Op Amps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6042I Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6042I Datasheet HTML 3Page - Microchip Technology MCP6042I Datasheet HTML 4Page - Microchip Technology MCP6042I Datasheet HTML 5Page - Microchip Technology MCP6042I Datasheet HTML 6Page - Microchip Technology MCP6042I Datasheet HTML 7Page - Microchip Technology MCP6042I Datasheet HTML 8Page - Microchip Technology MCP6042I Datasheet HTML 9Page - Microchip Technology MCP6042I Datasheet HTML 10Page - Microchip Technology MCP6042I Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 7
MCP6041/2/3/4
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, and CL =60 pF.
FIGURE 2-13:
Input Bias, Offset Currents
vs. Ambient Temperature.
FIGURE 2-14:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-15:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-16:
Input Bias, Offset Currents
vs. Common Mode Input Voltage.
FIGURE 2-17:
DC Open-Loop Gain vs.
Load Resistance.
FIGURE 2-18:
DC Open-Loop Gain vs.
Output Voltage Headroom.
0.1
1
10
100
1000
10000
45
55
65
75
85
95
105 115 125
Ambient Temperature (°C)
| IOS |
IB
VDD = 5.5V
VCM = VDD
0.1
1
10
100
1k
10k
-20
0
20
40
60
80
100
120
1.E-
03
1.E-
02
1.E-
01
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
0.001 0.01 0.1
1
10 100 1k 10k 100k
Gain
Phase
80
90
100
110
120
130
140
1.01.5
2.02.5
3.03.5
4.04.5
5.05.5
Power Supply Voltage (V)
RL = 50 kΩ
VDD = 5.0V
VOUT = 0.1V to VDD - 0.1V
0.1
1
10
100
1000
10000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
VDD = 5.5V
| IOS |
IB
0.1
1
10
100
1k
10k
TA = +125°C
TA = +85°C
60
70
80
90
100
110
120
130
1.E+02
1.E+03
1.E+04
1.E+05
Load Resistance ( )
VDD = 1.4V
100
1k
10k
100k
VOUT = 0.1V to VDD – 0.1V
VDD = 5.5V
80
90
100
110
120
130
140
0.00
0.05
0.10
0.15
0.20
0.25
Output Voltage Headroom;
VDD – VOH or VOL – VSS (V)
RL = 50 k
VDD = 5.5V
VDD = 1.4V


Número de pieza similar - MCP6042I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP6042 MICROCHIP-MCP6042 Datasheet
621Kb / 32P
   600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6042 MICROCHIP-MCP6042 Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6042 MICROCHIP-MCP6042 Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6042 MICROCHIP-MCP6042 Datasheet
1Mb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042 MICROCHIP-MCP6042 Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results

Descripción similar - MCP6042I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041 MICROCHIP-MCP6041 Datasheet
621Kb / 32P
   600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6043T-I MICROCHIP-MCP6043T-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041 MICROCHIP-MCP6041_13 Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
1Mb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-E MICROCHIP-MCP6044-E Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-I MICROCHIP-MCP6041T-I Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com