Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7190DP-T1-GE3 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI7190DP-T1-GE3
Descripción Electrónicos  N-Channel 250-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7190DP-T1-GE3 Datasheet(HTML) 6 Page - Vishay Siliconix

  SI7190DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI7190DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI7190DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7190DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7190DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7190DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7190DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7190DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7190DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 68985
S09-0997-Rev. B, 01-Jun-09
Vishay Siliconix
Si7190DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?68985.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
Square WavePulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 65 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
Normalized Thermal Transient Impedance, Junction-to-Case
1
0.1
0.01
0.2
Duty Cycle = 0.5
Square WavePulse Duration (s)
10-3
10-2
1
10-1
10-4
0.05
0.02
Single Pulse
0.1


Número de pieza similar - SI7190DP-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7190DP VISHAY-SI7190DP Datasheet
314Kb / 13P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SI7190DP VISHAY-SI7190DP_V01 Datasheet
313Kb / 13P
   N-Channel 250-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7190DP-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7190DP VISHAY-SI7190DP Datasheet
314Kb / 13P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
logo
Analog Power
AMR400N ANALOGPOWER-AMR400N Datasheet
351Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI4434DY VISHAY-SI4434DY Datasheet
70Kb / 5P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 15-Dec-03
logo
Analog Power
AM14N25-280D ANALOGPOWER-AM14N25-280D Datasheet
347Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM30N25-270P ANALOGPOWER-AM30N25-270P Datasheet
337Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SIR692DP VISHAY-SIR692DP Datasheet
210Kb / 7P
   N-Channel 250 V (D-S) MOSFET
Rev. A, 19-Dec-16
logo
Analog Power
AM6N25-1100D ANALOGPOWER-AM6N25-1100D Datasheet
306Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM8N25-550D ANALOGPOWER-AM8N25-550D Datasheet
346Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SISS92DN VISHAY-SISS92DN Datasheet
227Kb / 8P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7190ADP VISHAY-SI7190ADP Datasheet
229Kb / 9P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com