Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP6042TESN Datasheet(PDF) 11 Page - Microchip Technology

No. de pieza MCP6042TESN
Descripción Electrónicos  600 nA, Rail-to-Rail Input/Output Op Amps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6042TESN Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6042TESN Datasheet HTML 7Page - Microchip Technology MCP6042TESN Datasheet HTML 8Page - Microchip Technology MCP6042TESN Datasheet HTML 9Page - Microchip Technology MCP6042TESN Datasheet HTML 10Page - Microchip Technology MCP6042TESN Datasheet HTML 11Page - Microchip Technology MCP6042TESN Datasheet HTML 12Page - Microchip Technology MCP6042TESN Datasheet HTML 13Page - Microchip Technology MCP6042TESN Datasheet HTML 14Page - Microchip Technology MCP6042TESN Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21669C-page 11
MCP6041/2/3/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-imped-
ance CMOS inputs with low bias currents.
3.3
Chip Select Digital Input
This is a CMOS, Schmitt-triggered input that places the
part into a low power mode of operation.
3.4
Power Supply Pins
The positive power supply pin (VDD) is 1.4V to 6.0V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6041
MCP6042
MCP6043
MCP6044
Symbol
Description
PDIP,
SOIC,
MSOP
SOT-23-5
PDIP,
SOIC,
MSOP
PDIP,
SOIC,
MSOP
SOT-23-6
PDIP,
SOIC,
TSSOP
61
1
6
1
1
VOUT,VOUTA Analog Output (op amp A)
24
2
2
4
2
VIN–, VINA– Inverting Input (op amp A)
33
3
3
3
3
VIN+, VINA+ Non-inverting Input (op amp A)
75
8
7
6
4
VDD
Positive Power Supply
——
5
5
VINB+
Non-inverting Input (op amp B)
——
6
6
VINB
Inverting Input (op amp B)
——
7
7
VOUTB
Analog Output (op amp B)
——
8
VOUTC
Analog Output (op amp C)
——
9
VINC
Inverting Input (op amp C)
——
10
VINC+
Non-inverting Input (op amp C)
42
4
4
2
11
VSS
Negative Power Supply
——
12
VIND+
Non-inverting Input (op amp D)
——
13
VIND
Inverting Input (op amp D)
——
14
VOUTD
Analog Output (op amp D)
——
8
5
CS
Chip Select
1, 5, 8
1, 5
NC
No Internal Connection


Número de pieza similar - MCP6042TESN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP6042T MICROCHIP-MCP6042T Datasheet
621Kb / 32P
   600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6042T MICROCHIP-MCP6042T Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042T-E/MS MICROCHIP-MCP6042T-E/MS Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6042T-EMS MICROCHIP-MCP6042T-EMS Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042T-EMS MICROCHIP-MCP6042T-EMS Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results

Descripción similar - MCP6042TESN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041 MICROCHIP-MCP6041 Datasheet
621Kb / 32P
   600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6043T-I MICROCHIP-MCP6043T-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041 MICROCHIP-MCP6041_13 Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
1Mb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-E MICROCHIP-MCP6044-E Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-I MICROCHIP-MCP6041T-I Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com