Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1GU04GF Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AUP1GU04GF
Descripción Electrónicos  Low-power unbuffered inverter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1GU04GF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1GU04GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1GU04GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1GU04GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1GU04GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1GU04GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1GU04GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1GU04GF Datasheet HTML 13Page - NXP Semiconductors 74AUP1GU04GF Datasheet HTML 14Page - NXP Semiconductors 74AUP1GU04GF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74AUP1GU04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 29 June 2012
11 of 21
NXP Semiconductors
74AUP1GU04
Low-power unbuffered inverter
14. Application information
Some applications for the 74AUP1GU04 are:
Linear amplifier (see Figure 12)
Crystal oscillator (see Figure 13).
Remark: All values given are typical values unless otherwise specified.
ZL >10k.
R1
 3k.
R2
 1M.
Open loop gain: GOL = 20.
Voltage amplification:
.
Vo(p-p) =VCC  1.5 V centered at 0.5  VCC.
Unity gain bandwidth product is 5 MHz.
Fig 12. Linear amplifier application
C1 = 47 pF.
C2 = 22 pF.
R1 = 1 M
 to 10 M.
R2 optimum value depends on the frequency and required stability against changes in VCC or
average minimum ICC (ICC =2mA at VCC = 3.3 V and f = 10 MHz).
Fig 13. Crystal oscillator application
U04
R1
R2
VCC
ZL
mna052
1
μF
A
V
G
OL
1
R1
R2
------- 1G
OL
+

+
------------------------------------------
=
mna053
U04
out
R2
R1
C1
C2


Número de pieza similar - 74AUP1GU04GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1GU04GM PHILIPS-74AUP1GU04GM Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
logo
Nexperia B.V. All right...
74AUP1GU04GM NEXPERIA-74AUP1GU04GM Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
74AUP1GU04GN NEXPERIA-74AUP1GU04GN Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
74AUP1GU04GS NEXPERIA-74AUP1GU04GS Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP1GU04GW PHILIPS-74AUP1GU04GW Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
More results

Descripción similar - 74AUP1GU04GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com